Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO4607 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AO4607
Description  Complementary Enhancement Mode Field Effect Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4607 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AO4607 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4607 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4607 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4607 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO4607 Datasheet HTML 5Page - Alpha & Omega Semiconductors AO4607 Datasheet HTML 6Page - Alpha & Omega Semiconductors AO4607 Datasheet HTML 7Page - Alpha & Omega Semiconductors AO4607 Datasheet HTML 8Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AO4607
Symbol
Device
Typ
Max
Units
n-ch
48
62.5
°C/W
n-ch
74
110
°C/W
RθJL
n-ch
35
60
°C/W
p-ch
48
62.5
°C/W
p-ch
74
110
°C/W
RθJL
p-ch
35
40
°C/W
Schottky
47.5
62.5
°C/W
Schottky
71
110
°C/W
RθJL
Schottky
32
40
°C/W
Maximum Junction-to-Lead
C
Steady-State
Maximum Junction-to-Ambient
A
t ≤ 10s
Thermal Characteristics: n-channel, Schottky and p-channel
RθJA
Maximum Junction-to-Ambient
A
Steady-State
RθJA
Maximum Junction-to-Ambient
A
Steady-State
Parameter
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
Maximum Junction-to-Ambient
A
Steady-State
Maximum Junction-to-Lead
C
Steady-State
Maximum Junction-to-Lead
C
Steady-State
Maximum Junction-to-Ambient
A
t ≤ 10s
Alpha Omega Semiconductor, Ltd.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com