Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO4607 Datasheet(PDF) 3 Page - Alpha & Omega Semiconductors

Part # AO4607
Description  Complementary Enhancement Mode Field Effect Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4607 Datasheet(HTML) 3 Page - Alpha & Omega Semiconductors

  AO4607 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4607 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4607 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4607 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO4607 Datasheet HTML 5Page - Alpha & Omega Semiconductors AO4607 Datasheet HTML 6Page - Alpha & Omega Semiconductors AO4607 Datasheet HTML 7Page - Alpha & Omega Semiconductors AO4607 Datasheet HTML 8Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AO4607
Symbol
Min
Typ
Max
Units
BVDSS
30
V
0.007
0.05
3.2
10
12
20
IGSS
100
nA
VGS(th)
1
1.9
3
V
ID(ON)
20
A
22.5
28
TJ=125°C
31.3
38
34.5
42
m
gFS
10
15.4
S
VSD
0.45
0.5
V
IS
5.5
A
Ciss
680
820
pF
Coss
131
pF
Crss
77
pF
Rg
3
3.6
Qg(10V)
13.84
16.6
nC
Qg(4.5V)
6.74
nC
Qgs
1.82
nC
Qgd
3.2
nC
tD(on)
4.6
ns
tr
4.1
ns
tD(off)
20.6
ns
tf
5.2
ns
trr
13.7
16.5
ns
Qrr
4.1
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Maximum Body-Diode+Schottky Continuous Current
DYNAMIC PARAMETERS
Body-Diode+Schottky Reverse Recovery Charge
Total Gate Charge
IF=6.9A, dI/dt=100A/µs
Turn-Off DelayTime
Turn-Off Fall Time
Body-Diode+Schottky Reverse Recovery Time
IF=6.9A, dI/dt=100A/µs
Input Capacitance
N-Channel + Schottky Electrical Characteristics (TJ=25°C unless otherwise noted)
Parameter
Conditions
STATIC PARAMETERS
Drain-Source Breakdown Voltage
ID=250µA, VGS=0V
IDSS
Zero Gate Voltage Drain Current.
(Set by Schottky leakage)
VR=30V
mA
Gate-Body leakage current
VDS=0V, VGS=±20V
VR=30V, TJ=125°C
VR=30V, TJ=150°C
Gate Threshold Voltage
VDS=VGS ID=250µA
On state drain current
VGS=4.5V, VDS=5V
RDS(ON)
Static Drain-Source On-Resistance
Forward Transconductance
m
VGS=4.5V, ID=5.0A
VDS=5V, ID=6.9A
IS=1A
VGS=10V, ID=6.9A
Body-Diode+Schottky Forward Voltage
VGS=10V, VDS=15V, RL=2.2Ω,
RGEN=3Ω
Gate Source Charge
Gate Drain Charge
Turn-On DelayTime
Turn-On Rise Time
Total Gate Charge
VGS=10V, VDS=15V, ID=6.9A
VGS=0V, VDS=15V, f=1MHz
VGS=0V, VDS=0V, f=1MHz
SWITCHING PARAMETERS
Reverse Transfer Capacitance
Gate resistance
Output Capacitance (FET+Schottky)
A: The value of R θJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The value in any
given application depends on the user's specific board design. The current rating is based on the t
≤ 10s thermal resistance rating.
B: Repetitive rating, pulse width limited by junction temperature.
C. The R θJA is the sum of the thermal impedence from junction to lead R θJL and lead to ambient.
D. The static characteristics in Figures 1 to 6 are obtained using 80
µs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The SOA curve provides
a single pulse rating.
F. The Schottky appears in parallel with the MOSFET body diode, even though it is a separate chip. Therefore, we provide the net forward drop, capacitance
and recovery characteristics of the MOSFET and Schottky. However, the thermal resistance is specified for each chip separately
Rev 4: Sept 2005
Alpha Omega Semiconductor, Ltd.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com