Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO4607 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AO4607
Description  Complementary Enhancement Mode Field Effect Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4607 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AO4607 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4607 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4607 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4607 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO4607 Datasheet HTML 5Page - Alpha & Omega Semiconductors AO4607 Datasheet HTML 6Page - Alpha & Omega Semiconductors AO4607 Datasheet HTML 7Page - Alpha & Omega Semiconductors AO4607 Datasheet HTML 8Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Symbol
Max p-channel
Units
VDS
V
VGS
V
IDM
TJ, TSTG
°C
Symbol
VDS
IDM
TJ, TSTG
W
TA=70°C
1.28
Junction and Storage Temperature Range
-55 to 150
°C
Pulsed Diode Forward CurrentB
20
Power DissipationA
TA=25°C
PD
2
30
-30
±20
Drain-Source Voltage
±20
Gate-Source Voltage
Absolute Maximum Ratings TA=25°C unless otherwise noted
Parameter
Max n-channel
W
6.9
5.8
30
2
1.28
-5
-6
2
1.28
A
Continuous Drain
Current A
TA=25°C
ID
TA=70°C
Pulsed Drain CurrentB
-30
TA=70°C
Power Dissipation
TA=25°C
PD
Reverse Voltage
30
V
Continuous Forward
Current A
TA=25°C
ID
3
A
TA=70°C
2
Junction and Storage Temperature Range
Parameter
Maximum Schottky
Units
-55 to 150
-55 to 150
AO4607
Complementary Enhancement Mode Field Effect Transistor
Features
n-channel
p-channel
VDS (V) = 30V
-30V
ID = 6.9A (VGS=10V)
-6A (VGS=1-0V)
RDS(ON)
RDS(ON)
< 28mΩ (VGS=10V)
< 35mΩ (VGS = -10V)
< 42mΩ (VGS=4.5V)
< 58mΩ (VGS =- 4.5V)
SCHOTTKY
VDS (V) = 30V, IF = 3A, VF<0.5V@1A
General Description
The AO4607 uses advanced trench
technology MOSFETs to provide excellen
RDS(ON) and low gate charge. The
complementary MOSFETs may be used
in inverter and other applications. A
Schottky diode is co-packaged with the n-
channel FET to minimize body diode
losses. AO4607 is Pb-free (meets ROHS
& Sony 259 specifications). AO4607L is
a Green Product ordering option.
AO4607 and AO4607L are electrically
identical.
G1
S1
G2
S2/A
D1
D1
D2/K
D2/K
1
2
3
4
8
7
6
5
SOIC-8
G
D
S
n-channel
p-channel
G
D
S2
K
A
Alpha & Omega Semiconductor, Ltd.


Similar Part No. - AO4607

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4600 AOSMD-AO4600 Datasheet
270Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
AO4600 KEXIN-AO4600 Datasheet
1Mb / 7P
Complementary Trench MOSFET
AO4600-HF KEXIN-AO4600-HF Datasheet
2Mb / 7P
Complementary Trench MOSFET
logo
Alpha & Omega Semicondu...
AO4600L AOSMD-AO4600L Datasheet
270Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4601 AOSMD-AO4601 Datasheet
306Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
More results

Similar Description - AO4607

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4606 AOSMD-AO4606 Datasheet
687Kb / 9P
Complementary Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
AO6604 ETC1-AO6604 Datasheet
196Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AOP608 AOSMD-AOP608 Datasheet
142Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AOD603 AOSMD-AOD603 Datasheet
219Kb / 9P
Complementary Enhancement Mode Field Effect Transistor
AOD607 AOSMD-AOD607 Datasheet
137Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4600 AOSMD-AO4600 Datasheet
270Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4611 AOSMD-AO4611 Datasheet
166Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4612 AOSMD-AO4612 Datasheet
142Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4613 AOSMD-AO4613 Datasheet
181Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4616 AOSMD-AO4616 Datasheet
156Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com