Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8166 Datasheet(PDF) 11 Page - Vitesse Semiconductor Corporation

Part # VSC8166
Description  2.488 Gbit/sec 1:16 SONET/SDH Demux with Clock Recovery
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8166 Datasheet(HTML) 11 Page - Vitesse Semiconductor Corporation

Back Button VSC8166 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 15Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 11
11/9/99
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Datasheet
VSC8166
2.488 Gbit/sec
1:16 SONET/SDH Demux with Clock Recovery
G52252-0, Rev. 3.0
70
D12+
O
LVPECL
Low speed differential parallel data, true
71
D12-
O
LVPECL
Low speed differential parallel data, compliment
72
VCC
—
3.3V typ.
Positive power supply pin
73
D11+
O
LVPECL
Low speed differential parallel data, true
74
D11-
O
LVPECL
Low speed differential parallel data, compliment
75
VCC
—
3.3V typ.
Positive power supply pin
76
D10+
O
LVPECL
Low speed differential parallel data, true
77
D10-
O
LVPECL
Low speed differential parallel data, compliment
78
VEE
—
GND typ.
Negative power supply pin
79
D9+
O
LVPECL
Low speed differential parallel data, true
80
D9-
O
LVPECL
Low speed differential parallel data, compliment
81
VCC
—
3.3V typ.
Positive power supply pin
82
D8+
O
LVPECL
Low speed differential parallel data, true
83
D8-
O
LVPECL
Low speed differential parallel data, compliment
84
VCC
—
3.3V typ.
Positive power supply pin
85
D7+
O
LVPECL
Low speed differential parallel data, true
86
D7-
O
LVPECL
Low speed differential parallel data, compliment
87
VEE
—
GND typ.
Negative power supply pin
88
D6+
O
LVPECL
Low speed differential parallel data, true
89
D6-
O
LVPECL
Low speed differential parallel data, compliment
90
VCC
—
3.3V typ.
Positive power supply pin
91
D5+
O
LVPECL
Low speed differential parallel data, true
92
D5-
O
LVPECL
Low speed differential parallel data, compliment
93
VCC
—
3.3V typ.
Positive power supply pin
94
D4+
O
LVPECL
Low speed differential parallel data, true
95
D4-
O
LVPECL
Low speed differential parallel data, compliment
96
VEE
—
GND typ.
Negative power supply pin
97
D3+
O
LVPECL
Low speed differential parallel data, true
98
D3-
O
LVPECL
Low speed differential parallel data, compliment
99
VCC
—
3.3V typ.
Positive power supply pin
100
D2+
O
LVPECL
Low speed differential parallel data, true
101
D2-
O
LVPECL
Low speed differential parallel data, compliment
102
VCC
—
3.3V typ.
Positive power supply pin
103
VCC
—
3.3V typ.
Positive power supply pin
104
NC
—
—
No connect, leave unconnected
105
D1+
O
LVPECL
Low speed differential parallel data, true
106
D1-
O
LVPECL
Low speed differential parallel data, compliment
Table 3: Package Pin Identification
Pin #
Name
I/O
Level
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com