Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8166 Datasheet(PDF) 12 Page - Vitesse Semiconductor Corporation

Part # VSC8166
Description  2.488 Gbit/sec 1:16 SONET/SDH Demux with Clock Recovery
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8166 Datasheet(HTML) 12 Page - Vitesse Semiconductor Corporation

Back Button VSC8166 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 16Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Datasheet
VSC8166
2.488 Gbit/sec
1:16 SONET/SDH Demux with Clock Recovery
Page 12
© VITESSE SEMICONDUCTOR CORPORATION
G52252-0, Rev 3.0
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
11/9/99
Note: No connect (NC) pins must be left unconnected, or floating. Connecting any of these pins to either the positive or negative
power supply rails may cause improper operation or failure of the device; or in extreme cases, cause permanent damage
to the device.
107
VCC
—
3.3V typ.
Positive power supply pin
108
D0+
O
LVPECL
Low speed differential parallel data, true
109
D0-
O
LVPECL
Low speed differential parallel data, compliment
110
VEE
—
GND typ.
Negative power supply pin
111
CLK16O-
O
LVPECL
Parallel clock output, complement
112
CLK16O+
O
LVPECL
Parallel clock output, true
113
VCC
—
3.3V typ.
Positive power supply pin
114
CLK32O-
O
LVPECL
Divided Parallel clock output, complement
115
CLK32O+
O
LVPECL
Divided Parallel clock output, true
116
NC
—
—
No connect, leave unconnected
117
NOREF
O
TTL
No reference clock output. Active high for REFCLK missing or
severely out of tolerance.
118
VCCT
—
3.3V typ.
Positive power supply pin (TTL)
119
VEEY
—
GND typ.
Negative power supply pin (TTL)
120
LOL
O
TTL
Loss of lock indicator.
121
NC
—
—
No connect, leave unconnected
122
VEE
—
GND typ.
Negative power supply pin
123
VCC
—
3.3V typ.
Positive power supply pin
124
NC
—
—
No connect, leave unconnected
125
NC
—
—
No connect, leave unconnected
126
VEE
—
GND typ.
Negative power supply pin
127
VEE
—
GND typ.
Negative power supply pin
128
VCC
—
3.3V typ.
Positive power supply pin
Table 3: Package Pin Identification
Pin #
Name
I/O
Level
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com