Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3UB26 Datasheet(PDF) 49 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CP3UB26
Description  Reprogrammable Connectivity Processor with USB and CAN Interfaces
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CP3UB26 Datasheet(HTML) 49 Page - National Semiconductor (TI)

Back Button CP3UB26 Datasheet HTML 45Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 46Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 47Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 48Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 49Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 50Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 51Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 52Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 53Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 268 page
background image
49
www.national.com
10.3.4
Interrupt Enable and Mask Register 0 (IENAM0)
The IENAM0 register is a word-wide read/write register
which holds bits that individually enable and disable the
maskable interrupt sources IRQ1 through IRQ15. The reg-
ister is initialized to FFFFh at reset.
IENA
Each Interrupt Enable bit enables or disables
the corresponding interrupt request IRQ1
through IRQ15, for example IENA15 controls
IRQ15. Because IRQ0 is not used, IENA0 is
ignored.
0
– Interrupt is disabled.
1
– Interrupt is enabled.
10.3.5
Interrupt Enable and Mask Register 1 (IENAM1)
The IENAM1 register is a word-wide read/write register
which holds bits that individually enable and disable the
maskable interrupt sources IRQ16 through IRQ31. The reg-
ister is initialized to FFFFh at reset.
IENA
Each Interrupt Enable bit enables or disables
the corresponding interrupt request IRQ16
through IRQ31, for example IENA31 controls
IRQ31.
0
– Interrupt is disabled.
1
– Interrupt is enabled.
10.3.6
Interrupt Enable and Mask Register 2 (IENAM2)
The IENAM2 register is a word-wide read/write register
which holds bits that individually enable and disable the
maskable interrupt sources IRQ32 through IRQ47. The reg-
ister is initialized to FFFFh at reset.
IENA
Each Interrupt Enable bit enables or disables
the corresponding interrupt request IRQ32
through IRQ47, for example IENA47 controls
IRQ47.
0
– Interrupt is disabled.
1
– Interrupt is enabled.
10.3.7
Interrupt Status Register 0 (ISTAT0)
The ISTAT0 register is a word-wide read-only register. It in-
dicates which maskable interrupt inputs to the ICU are ac-
tive. These bits are not affected by the state of the
corresponding IENA bits.
IST
The
Interrupt
Status
bits
indicate
if
a
maskable interrupt source is signalling an in-
terrupt request. IST15:1 correspond to IRQ15
to IRQ1 respectively. Because the IRQ0 inter-
rupt is not used, bit 0 always reads back 0.
0
– Interrupt is not active.
1
– Interrupt is active.
10.3.8
Interrupt Status Register 1 (ISTAT1)
The ISTAT1 register is a word-wide read-only register. It in-
dicates which maskable interrupt inputs into the ICU are ac-
tive. These bits are not affected by the state of the
corresponding IENA bits.
IST
The
Interrupt
Status
bits
indicate
if
a
maskable interrupt source is signalling an in-
terrupt request. IST31:16 correspond to
IRQ31 to IRQ16, respectively.
0
– Interrupt is not active.
1
– Interrupt is active.
10.3.9
Interrupt Status Register 2 (ISTAT2)
The ISTAT2 register is a word-wide read-only register. It in-
dicates which maskable interrupt inputs into the ICU are ac-
tive. These bits are not affected by the state of the
corresponding IENA bits.
IST
The
Interrupt
Status
bits
indicate
if
a
maskable interrupt source is signalling an in-
terrupt request. IST47:32 correspond to
IRQ47 to IRQ32, respectively.
0
– Interrupt is not active.
1
– Interrupt is active.
15
1
0
IENA
Res.
15
0
IENA
15
0
IENA
15
1
0
IST
Res.
15
0
IST
15
0
IST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com