Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3UB26 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CP3UB26
Description  Reprogrammable Connectivity Processor with USB and CAN Interfaces
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CP3UB26 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button CP3UB26 Datasheet HTML 9Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 10Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 11Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 12Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 13Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 14Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 15Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 16Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 268 page
background image
13
www.national.com
ADC4
1
I/O
ADC Input Channel 4
MUXOUT0
Analog Multiplexer Output 0
ADC5
1
I/O
ADC Input Channel 5
MUXOUT1
Analog Multiplexer Output 1
ADC6
1
Input
ADC Input Channel 6
None
None
ADC7
1
Input
ADC Input Channel 7
ADCIN
ADC Input (in MUX mode)
VREFP
1
Input
ADC Positive Voltage Reference
None
None
PB[7:0]
8
I/O
Generic I/O
D[7:0]
External Data Bus Bits 0 to 7
PC[7:0]
8
I/O
Generic I/O
D[8:15]
External Data Bus Bits 8 to 15
A[22:0]
23
Output
External Address Bus Bits 0 to 22
None
None
SEL0
1
Output
Chip Select for Zone 0
None
None
SEL1
1
Output
Chip Select for Zone 1
None
None
SEL2
1
Output
Chip Select for Zone 2
None
None
SELIO
1
Output
Chip Select for I/O Zone
None
None
WR0
1
Output
External Memory Write Low Byte
None
None
WR1
1
Output
External Memory Write High Byte
None
None
RD
1
Output
External Memory Read
None
None
PE0
1
I/O
Generic I/O
RXD0
UART0 Receive Data Input
PE1
1
I/O
Generic I/O
TXD0
UART0 Transmit Data Output
PE2
1
I/O
Generic I/O
RTS
UART0 Ready-To-Send Output
PE3
1
I/O
Generic I/O
CTS
UART0 Clear-To-Send Input
PE4
1
I/O
Generic I/O
CKX
UART0 Clock Input
TB
Multi Function Timer Port B
PE5
1
I/O
Generic I/O
SRFS
AAI Receive Frame Sync
NMI
Non-Maskable Interrupt Input
PF0
1
I/O
Generic I/O
MSK
SPI Shift Clock
TIO1
Versatile Timer Channel 1
PF1
1
I/O
Generic I/O
MDIDO
SPI Master In Slave Out
TIO2
Versatile Timer Channel 2
PF2
1
I/O
Generic I/O
MDODI
SPI Master Out Slave In
TIO3
Versatile Timer Channel 3
PF3
1
I/O
Generic I/O
MWCS
SPI Slave Select Input
TIO4
Versatile Timer Channel 4
PF4
1
I/O
Generic I/O
SCK
AAI Clock
TIO5
Versatile Timer Channel 5
PF5
1
I/O
Generic I/O
SFS
AAI Frame Synchronization
TIO6
Versatile Timer Channel 6
PF6
1
I/O
Generic I/O
STD
AAI Transmit Data Output
TIO7
Versatile Timer Channel 7
Name
Pins
I/O
Primary Function
Alternate
Name
Alternate Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com