Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3UB26 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CP3UB26
Description  Reprogrammable Connectivity Processor with USB and CAN Interfaces
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CP3UB26 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button CP3UB26 Datasheet HTML 4Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 5Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 6Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 7Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 8Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 9Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 10Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 11Page - National Semiconductor (TI) CP3UB26 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 268 page
background image
www.national.com
8
4.0
Signal Descriptions
Figure 1.
CP3UB26 Device SIgnals
Some pins may be enabled as general-purpose I/O-port
pins or as alternate functions associated with specific pe-
ripherals or interfaces. These pins may be individually con-
figured as port pins, even when the associated peripheral or
interface is enabled. Table 2 describes the device signals for
the LQFP-128 package. Table 3 describes the device sig-
nals for the LQFP-144 package.
DS306
CP3UB26
(LQFP-128)
GPIO
PGO
PG1
PG2/SRCLK
PE0/RXD0
PE1/TXD0
PE2/RTS
PE3/CTS
PG3
PG4
PG5
PE5/SRFS/NMI
UART0
PE4/CKX/TB
UART0/MFT
Microwire/
SPI/
VTU
PF0/MSK/TIO1
PF1/MDIDO/TIO2
PF2/MDODO/TIO3
PF3/MWCS/TIO4
AAI/
VTU
PF4/SCK/TIO5
PF5/SFS/TIO6
PF6/STD/TIO7
PF7/SRD/TIO8
AAI
AAI/NMI
X1CKI/BBCLK
12 MHz Crystal
or Ext. Clock
X1CKO
X2CKI
32.768 kHz
Crystal
X2CKO
ADVCC
GND
IOVCC
6
ADGND
VCC
ENV0
Mode
Selection
ENV1
Power
Supply
RESET
Chip Reset
PG7/TA
MFT
TMS
TCK
RDY
TDI
TDO
JTAG I/F to
Debugger/
Programmer
6
15
ENV2
1
1
ADC0/TSX+
ADC1/TSY+
ADC2/TSX-
ADC3/TSY-
ADC4/MUXOUT0
ADC5/MUXOUT1
ADC6
ADC7/ADCIN
PJ7/ASYNC/
WUI9
VREFP
ADC/
Touchscreen
IOGND
14
USB
UVCC
UGND
D+
D-
SDA
ACCESS.bus
SCL
PH6/CANRX/
WUI17
CAN bus
PH7/CANTX
PH0/RXD1/WUI11
PH1/TXD1/WUI12
UART1/MIWU
PH2/RXD1/WUI13
PH3/TXD1/WUI14
UART2/MIWU
PH4/RXD1/WUI15
PH5/TXD1/WUI16
UART3/MIWU
MIWU
PG6/WUI10
PJ0/WUI18
PJ1/WUI19
PJ2/WUI20
PJ3/WUI21
PJ4/WUI22
PJ5/WUI23
PJ6/WUI24
8
8
PB[7:0]
PC[7:0]
GPIO
AVCC
AGND
1
1
X1CKI/BBCLK
12 MHz Crystal
or Ext. Clock
External
Bus
Interface
X1CKO
X2CKI
32.768 kHz
Crystal
GPIO
X2CKO
ADVCC
GND
IOVCC
6
ADGND
VCC
PGO
PG1
PG2/SRCLK
CP3UB26
(LQFP-144)
SDA
ACCESS.bus
SCL
ENV0
Mode
Selection
ENV1
PE0/RXD0
PE1/TXD0
PE2/RTS
PE3/CTS
PG3
PG4
PG5
Power
Supply
RESET
Chip Reset
PE5/SRFS/NMI
UART0
PE4/CKX/TB
UART0/MFT
PG7/TA
MFT
TMS
TCK
RDY
TDI
TDO
JTAG I/F to
Debugger/
Programmer
Microwire/
SPI/
VTU
PF0/MSK/TIO1
PF1/MDIDO/TIO2
PF2/MDODO/TIO3
PF3/MWCS/TIO4
AAI/
VTU
PF4/SCK/TIO5
PF5/SFS/TIO6
PF6/STD/TIO7
PF7/SRD/TIO8
6
10
8
8
23
ENV2
PB[7:0]
PC[7:0]
A[22:0]
SEL0
SEL1
SEL2
SELIO
WR0
WR1
RD
AAI
AAI/NMI
1
1
PH6/CANRX/
WUI17
CAN bus
PH7/CANTX
PH0/RXD1/WUI11
PH1/TXD1/WUI12
MIWU
ADC0/TSX+
ADC1/TSY+
ADC2/TSX-
ADC3/TSY-
ADC4/MUXOUT0
ADC5/MUXOUT1
ADC6
ADC7/ADCIN
PJ7/ASYNC/
WUI9
VREFP
ADC/
Touchscreen
IOGND
11
USB
UVCC
UGND
D+
D-
UART1/MIWU
PH2/RXD1/WUI13
PH3/TXD1/WUI14
UART2/MIWU
PH4/RXD1/WUI15
PH5/TXD1/WUI16
UART3/MIWU
PG6/WUI10
PJ0/WUI18
AVCC
AGND
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com