Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD7100APWPR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # UCD7100APWPR
Description  UCD7100 Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD7100APWPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCD7100APWPR Datasheet HTML 4Page - Texas Instruments UCD7100APWPR Datasheet HTML 5Page - Texas Instruments UCD7100APWPR Datasheet HTML 6Page - Texas Instruments UCD7100APWPR Datasheet HTML 7Page - Texas Instruments UCD7100APWPR Datasheet HTML 8Page - Texas Instruments UCD7100APWPR Datasheet HTML 9Page - Texas Instruments UCD7100APWPR Datasheet HTML 10Page - Texas Instruments UCD7100APWPR Datasheet HTML 11Page - Texas Instruments UCD7100APWPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
8.6 Typical Characteristics
−50
50
5.0
4.5
2.5
2.0
1.5
0.5
0.0
−25
0
25
75
100
4.0
1.0
3.5
3.0
UVLO on
UVLO on
UVLO on
t − Temperature − °C
125
Figure 8-2. UVLO Thresholds vs Temperature
−50
50
125
−25
0
25
75
100
3.24
3.26
3.28
3.30
3.32
3.34
3.36
t − Temperature − °C
Figure 8-3. 3V3 Reference Voltage vs Temperature
−50
50
125
−25
0
25
75
100
20.0
20.5
21.0
21.5
22.0
22.5
23.0
t − Temperature − °C
VDD = 4.75 V
VDD = 12 V
Figure 8-4. 3V3 Short Circuit Current vs
Temperature
−50
50
125
−25
0
25
75
100
0.0
0.5
1.0
1.5
2.0
2.5
TJ − Temperature − °C
Input Rising
Input Falling
Figure 8-5. Input Thresholds vs Temperature
−50
50
125
−25
0
25
75
100
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
TJ − Temperature − °C
tR = Rise Time
tF = Fall Time
Figure 8-6. Output Rise Time and Fall Time vs
Temperature (VDD = 12 V
5
15
25
35
45
55
65
5
7.5
10
12.5
15
VDD − Supply Voltage − V
CLOAD = 10 nF
CLOAD = 4.7 nF
CLOAD = 2.2 nF
CLOAD = 1 nF
Figure 8-7. Rise Time vs Supply Voltage
UCD7100
SLUS651E – MARCH 2005 – REVISED NOVEMBER 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: UCD7100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com