Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD7100APWPR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # UCD7100APWPR
Description  UCD7100 Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD7100APWPR Datasheet(HTML) 14 Page - Texas Instruments

Back Button UCD7100APWPR Datasheet HTML 10Page - Texas Instruments UCD7100APWPR Datasheet HTML 11Page - Texas Instruments UCD7100APWPR Datasheet HTML 12Page - Texas Instruments UCD7100APWPR Datasheet HTML 13Page - Texas Instruments UCD7100APWPR Datasheet HTML 14Page - Texas Instruments UCD7100APWPR Datasheet HTML 15Page - Texas Instruments UCD7100APWPR Datasheet HTML 16Page - Texas Instruments UCD7100APWPR Datasheet HTML 17Page - Texas Instruments UCD7100APWPR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
Note
The 10% and 90% thresholds depict the dynamics of the bipolar output devices that dominate the
power MOSFET transition through the Miller regions of operation.
9.4 Device Functional Modes
9.4.1 Operation with VDD < 4.25 V (minimum VDD)
The devices operate with VDD voltages above 4.75 V. The maximum UVLO voltage is 4.75 V, and operates at
VDD voltages above 4.75 V. The typical UVLO voltage is 4.5 V. The minimum UVLO voltage is 4.25 V. At VDD
below the actual UVLO voltage, the devices do not operate, and OUT remains low.
9.4.2 Operation with IN Pin Open
If the IN pin is disconnected (open), a 100 kΩ internal resistor connects IN to GND to prevent unpredictable
operation due to a floating IN pin, and OUT remains low.
9.4.3 Operation with ILIM Pin Open
If the ILIM pin is disconnected (open), the current limit threshold is set at 0.5 V.
9.4.4 Operation with ILIM Pin High
If the signal on ILIM pin is higher than 1 V, the current limit threshold is clamped at 1 V.
UCD7100
SLUS651E – MARCH 2005 – REVISED NOVEMBER 2021
www.ti.com
14
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: UCD7100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com