Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD7100APWPR Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # UCD7100APWPR
Description  UCD7100 Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD7100APWPR Datasheet(HTML) 17 Page - Texas Instruments

Back Button UCD7100APWPR Datasheet HTML 13Page - Texas Instruments UCD7100APWPR Datasheet HTML 14Page - Texas Instruments UCD7100APWPR Datasheet HTML 15Page - Texas Instruments UCD7100APWPR Datasheet HTML 16Page - Texas Instruments UCD7100APWPR Datasheet HTML 17Page - Texas Instruments UCD7100APWPR Datasheet HTML 18Page - Texas Instruments UCD7100APWPR Datasheet HTML 19Page - Texas Instruments UCD7100APWPR Datasheet HTML 20Page - Texas Instruments UCD7100APWPR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
11 Power Supply Recommendations
11.1 Supply
The UCD7K devices accept an input range of 4.5 V to 15 V. The device has an internal precision linear regulator
that produces the 3V3 output from this VDD input. A separate pin, PVDD, not connected internally to the VDD
supply rail provides power for the output drivers. In all applications the same bus voltage supplies the two pins. It
is recommended that a low value of resistance be placed between the two pins so that the local capacitance on
each pin forms low pass filters to attenuate any switching noise that may be on the bus.
Although quiescent VDD current is low, total supply current will be higher, depending on the gate drive output
current required by the switching frequency. Total VDD current is the sum of quiescent VDD current and the
average OUT current. Knowing the operating frequency and the MOSFET gate charge (QG), average OUT
current can be calculated from:
IOUT = QG x f, where f is frequency.
For high-speed circuit performance, a VDD bypass capacitor is recommended to prevent noise problems. A
4.7-µF ceramic capacitor should be located close to the VDD to ground connection. A larger capacitor with
relatively low ESR should be connected to the PVDD pin, to help deliver the high current peaks to the load. The
capacitors should present a low impedance characteristic for the expected current levels in the driver application.
The use of surface mount components for all bypass capacitors is highly recommended.
11.2 Reference and External Bias Supply
All devices in the UCD7K family are capable of supplying a regulated 3.3-V rail to power various types of
external loads such as a microcontroller or an ASIC. The onboard linear voltage regulator is capable of sourcing
up to 10 mA of current. For normal operation, place a minimum of 0.22 µF of ceramic capacitance from the
reference pin to ground.
www.ti.com
UCD7100
SLUS651E – MARCH 2005 – REVISED NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: UCD7100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com