Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD7100PWPR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UCD7100PWPR
Description  UCD7100 Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD7100PWPR Datasheet(HTML) 4 Page - Texas Instruments

  UCD7100PWPR Datasheet HTML 1Page - Texas Instruments UCD7100PWPR Datasheet HTML 2Page - Texas Instruments UCD7100PWPR Datasheet HTML 3Page - Texas Instruments UCD7100PWPR Datasheet HTML 4Page - Texas Instruments UCD7100PWPR Datasheet HTML 5Page - Texas Instruments UCD7100PWPR Datasheet HTML 6Page - Texas Instruments UCD7100PWPR Datasheet HTML 7Page - Texas Instruments UCD7100PWPR Datasheet HTML 8Page - Texas Instruments UCD7100PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Table 7-1. Pin Functions (continued)
UCD7100
PIN NAME
TYPE
FUNCTION
HTSSOP-14
PIN NO.
DFN-14 PIN
NO.
10
10
PGND
—
Power ground return. Connect the two PGNDs together. These ground pins
should be connected very closely to the source of the power MOSFET.
11
11
OUT
O
The high-current TrueDrive™ driver output. Connect the two OUT pins
together.
12
12
OUT
O
The high-current TrueDrive™ driver output. Connect the two OUT pins
together.
13
13
PVDD
I
Supply pin provides power for the output drivers. It is not connected internally
to the VDD supply rail. Connect the two PVDD pins together.
14
14
PVDD
I
Supply pin provides power for the output drivers. It is not connected internally
to the VDD supply rail. Connect the two PVDD pins together.
UCD7100
SLUS651E – MARCH 2005 – REVISED NOVEMBER 2021
www.ti.com
4
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: UCD7100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com