Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD7100PWPR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # UCD7100PWPR
Description  UCD7100 Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD7100PWPR Datasheet(HTML) 12 Page - Texas Instruments

Back Button UCD7100PWPR Datasheet HTML 8Page - Texas Instruments UCD7100PWPR Datasheet HTML 9Page - Texas Instruments UCD7100PWPR Datasheet HTML 10Page - Texas Instruments UCD7100PWPR Datasheet HTML 11Page - Texas Instruments UCD7100PWPR Datasheet HTML 12Page - Texas Instruments UCD7100PWPR Datasheet HTML 13Page - Texas Instruments UCD7100PWPR Datasheet HTML 14Page - Texas Instruments UCD7100PWPR Datasheet HTML 15Page - Texas Instruments UCD7100PWPR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
When the CS voltage is below ILIM, the driver output will follow the PWM input. The CLF digital output flag
can be monitored by the host controller to determine when a current limit event occurs and to then apply the
appropriate algorithm to obtain the desired current limit profile.
One of the main benefits of this local protection feature is that the UCD7K devices can protect the power stage
if the software code in the digital controller becomes corrupted and hangs up. If the controller’s PWM output
stays high, the local current sense circuit will turn off the driver output when an over-current condition occurs.
The system would likely go into a retry mode because; most DSP and microcontrollers have on-board watchdog,
brown-out, and other supervisory peripherals to restart the device in the event that it is not operating properly.
But these peripherals typically do not react fast enough to save the power stage. The UCD7K’s local current limit
comparator provides the required fast protection for the power stage.
The CS threshold is 25 mV below the ILIM voltage. This way, if the user attempts to command zero current
(ILIM < 25 mV) while the CS pin is at ground, for example at start-up, the CLF flag latches high until the IN
pin receives a pulse. At start-up it is necessary to ensure that the ILIM pin always greater than the CS pin for
the handshaking to work as described below. If for any reason the CS pin comes to within 25 mV of the ILIM
pin during start-up, then the CLF flag is latched high and the digital controller must poll the UCD7K device,
by sending it a narrow IN pulse. If the fault condition is not present the IN pulse resets the CLF signal to low
indicating that the UCD7K device is ready to process power pulses.
9.3.3 Handshaking
The UCD7K family of devices have a built-in handshaking feature to facilitate efficient start-up of the digitally
controlled power supply. At start-up the CLF flag is held high until all the internal and external supply voltages
of the UCD7K device are within their operating range. Once the supply voltages are within acceptable limits, the
CLF goes low and the device will process input drive signals. The micro-controller should monitor the CLF flag at
start-up and wait for the CLF flag to go LOW before sending power pulses to the UCD7K device.
9.3.4 Driver Output
The high-current output stage of the UCD7K device family is capable of supplying ±4-A peak current pulses and
swings to both VDD and GND. The driver outputs follows the state of the IN pin provided that the VDD and 3V3
voltages are above their respective under-voltage lockout threshold.
The drive output utilizes Texas Instruments’ TrueDrive™ architecture, which delivers rated current into the gate
of a MOSFET when it is most needed during the Miller plateau region of the switching transition providing
efficiency gains.
TrueDrive™ consists of pullup/ pulldown circuits using bipolar and MOSFET transistors in parallel. The peak
output current rating is the combined current from the bipolar and MOSFET transistors. The output resistance is
the RDS(on) of the MOSFET transistor when the voltage on the driver output is less than the saturation voltage of
the bipolar transistor. This hybrid output stage also allows efficient current sourcing at low supply voltages.
Each output stage also provides a very low impedance to overshoot and undershoot due to the body diode of
the external MOSFET. This means that in many cases, external-schottky-clamp diodes are not required.
9.3.5 Source/Sink Capabilities During Miller Plateau
Large power MOSFETs present a large load to the control circuitry. Proper drive is required for efficient, reliable
operation. The UCD7K drivers have been optimized to provide maximum drive to a power MOSFET during
the Miller plateau region of the switching transition. This interval occurs while the drain voltage is swinging
between the voltage levels dictated by the power topology, requiring the charging/discharging of the drain-gate
capacitance with current supplied or removed by the driver device. See Reference [1]
9.3.6 Drive Current and Power Requirements
The UCD7K family of drivers can deliver high current into a MOSFET gate for a period of several hundred
nanoseconds. High peak current is required to turn the device ON quickly. Then, to turn the device OFF, the
driver is required to sink a similar amount of current to ground. This repeats at the operating frequency of the
power device. A MOSFET is used in this discussion because it is the most common type of switching device
used in high frequency power conversion equipment.
UCD7100
SLUS651E – MARCH 2005 – REVISED NOVEMBER 2021
www.ti.com
12
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: UCD7100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com