Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD7100PWPR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # UCD7100PWPR
Description  UCD7100 Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD7100PWPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button UCD7100PWPR Datasheet HTML 9Page - Texas Instruments UCD7100PWPR Datasheet HTML 10Page - Texas Instruments UCD7100PWPR Datasheet HTML 11Page - Texas Instruments UCD7100PWPR Datasheet HTML 12Page - Texas Instruments UCD7100PWPR Datasheet HTML 13Page - Texas Instruments UCD7100PWPR Datasheet HTML 14Page - Texas Instruments UCD7100PWPR Datasheet HTML 15Page - Texas Instruments UCD7100PWPR Datasheet HTML 16Page - Texas Instruments UCD7100PWPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Reference [1] discusses the current required to drive a power MOSFET and other capacitive-input switching
devices.
When a driver device is tested with a discrete, capacitive load it is a fairly simple matter to calculate the power
that is required from the bias supply. The energy that must be transferred from the bias supply to charge the
capacitor is given by:
E +
1
2
CV
2
(1)
where C is the load capacitor and V is the bias voltage feeding the driver.
There is an equal amount of energy transferred to ground when the capacitor is discharged. This leads to a
power loss given by the following:
P +
1
2
CV
2
f
(2)
where f is the switching frequency.
This power is dissipated in the resistive elements of the circuit. Thus, with no external resistor between the
driver and gate, this power is dissipated inside the driver. Half of the total power is dissipated when the capacitor
is charged, and the other half is dissipated when the capacitor is discharged. An actual example using the
conditions of the previous gate drive waveform should help clarify this.
With VDD = 12 V, CLOAD = 10 nF, and f = 300 kHz, the power loss can be calculated as:
P + 10 nF
12
2
300 kHz + 0.432 W
(3)
With a 12-V supply, this would equate to a current of:
I +
P
V +
0.432 W
12 V
+ 0.036 A
(4)
The actual current measured from the supply was 0.037 A, and is very close to the predicted value. But, the
IDD current that is due to the device internal consumption should be considered. With no load the device current
drawn is 0.0027 A. Under this condition the output rise and fall times are faster than with a load. This could
lead to an almost insignificant, yet measurable current due to cross-conduction in the output stages of the driver.
However, these small current differences are buried in the high frequency switching spikes, and are beyond
the measurement capabilities of a basic lab setup. The measured current with 10-nF load is close to the value
expected.
The switching load presented by a power MOSFET can be converted to an equivalent capacitance by examining
the gate charge required to switch the device. This gate charge includes the effects of the input capacitance plus
the added charge needed to swing the drain of the device between the ON and OFF states. Most manufacturers
provide specifications that provide the typical and maximum gate charge, in nC, to switch the device under
specified conditions. Using the gate charge QG, one can determine the power that must be dissipated when
charging a capacitor. This is done by using the equivalence QG = CEFF x V to provide the following equation for
power:
P + C
V2
f + QG
V
f
(5)
This equation allows a power designer to calculate the bias power required to drive a specific MOSFET gate at a
specific bias voltage.
www.ti.com
UCD7100
SLUS651E – MARCH 2005 – REVISED NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: UCD7100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com