Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3045321 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3045321
Description  Plug - UPBV 2,5/ 1-L BU
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3045321 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3045321 Datasheet HTML 1Page - PHOENIX CONTACT 3045321 Datasheet HTML 2Page - PHOENIX CONTACT 3045321 Datasheet HTML 3Page - PHOENIX CONTACT 3045321 Datasheet HTML 4Page - PHOENIX CONTACT 3045321 Datasheet HTML 5Page - PHOENIX CONTACT 3045321 Datasheet HTML 6Page - PHOENIX CONTACT 3045321 Datasheet HTML 7Page - PHOENIX CONTACT 3045321 Datasheet HTML 8Page - PHOENIX CONTACT 3045321 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
https://www.phoenixcontact.com/pi/products/3045321
09/12/2020   Page 1 / 15
Plug - UPBV 2,5/ 1-L BU - 3045321
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Plug, number of positions: 1, connection method: Screw connection, cross section: 0.14 mm²- 4 mm², AWG:
26 - 12, nominal current: 24 A, nom. voltage: 500 V, width: 5.2 mm, color: blue
Product Description
Connector element left, left housing without engagement pin, right opened without cover
Your advantages
 Can be bridged with FBS ... standard bridges
 The screw plugs can be combined with COMBI terminal blocks with all forms of connection technology and are available in two versions
 The COMBI plugs for self-assembly provide solutions that users can implement themselves
 The plugs are assembled directly on site by snapping together single-position plug elements
 The connected conductors can be led directly into the cable duct to save space
Key Commercial Data
Packing unit
50 pc
GTIN
GTIN
4046356055536
Technical data
General
Number of positions
1
Potentials
1
Nominal cross section
2.5 mm²
Color
blue
Insulating material
PA
Flammability rating according to UL 94
V0
Rated surge voltage
6 kV
Degree of pollution
3
Overvoltage category
III


Similar Part No. - 3045321

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
30453-0400 MOLEX4-30453-0400 Datasheet
214Kb / 3P
2.00mm (.079") Pitch Cable Holder, Vertical, for Ribbon Cable, with Polarization, 4Circuits
30453-0900 MOLEX4-30453-0900 Datasheet
214Kb / 3P
2.00mm (.079") Pitch Cable Holder, Vertical, for Ribbon Cable, with Polarization, 9Circuits
logo
PHOENIX CONTACT
3045318 PHOENIX-3045318 Datasheet
114Kb / 5P
UPBV 2,5/ 1-L
3045334 PHOENIX-3045334 Datasheet
115Kb / 5P
UPBV 2,5/ 1-L GNYE
3045347 PHOENIX-3045347 Datasheet
115Kb / 5P
UPBV 2,5/ 1-M
More results

Similar Description - 3045321

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3043022 PHOENIX-3043022 Datasheet
229Kb / 13P
Plug - SP 2,5/ 1-L BU
3043116 PHOENIX-3043116 Datasheet
262Kb / 16P
Plug - SPB 2,5/ 1-L BU
3045318 PHOENIX-3045318 Datasheet
114Kb / 5P
UPBV 2,5/ 1-L
3045334 PHOENIX-3045334 Datasheet
115Kb / 5P
UPBV 2,5/ 1-L GNYE
3045350 PHOENIX-3045350 Datasheet
200Kb / 15P
Plug - UPBV 2,5/ 1-M BU
3045389 PHOENIX-3045389 Datasheet
200Kb / 15P
Plug - UPBV 2,5/ 1-R BU
3045240 PHOENIX-3045240 Datasheet
177Kb / 14P
Plug - UPBV 2,5/ 1 BU
3045729 PHOENIX-3045729 Datasheet
156Kb / 10P
Plug - UPBV 4/ 1-L BU
3045787 PHOENIX-3045787 Datasheet
156Kb / 10P
Plug - UPBV 4/ 1-R BU
3043200 PHOENIX-3043200 Datasheet
527Kb / 17P
Plug - SPDB 2,5/ 1-L BU
02/04/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com