Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3045321 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 3045321
Description  Plug - UPBV 2,5/ 1-L BU
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3045321 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 3045321 Datasheet HTML 7Page - PHOENIX CONTACT 3045321 Datasheet HTML 8Page - PHOENIX CONTACT 3045321 Datasheet HTML 9Page - PHOENIX CONTACT 3045321 Datasheet HTML 10Page - PHOENIX CONTACT 3045321 Datasheet HTML 11Page - PHOENIX CONTACT 3045321 Datasheet HTML 12Page - PHOENIX CONTACT 3045321 Datasheet HTML 13Page - PHOENIX CONTACT 3045321 Datasheet HTML 14Page - PHOENIX CONTACT 3045321 Datasheet HTML 15Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
https://www.phoenixcontact.com/pi/products/3045321
09/12/2020   Page 13 / 15
Plug - UPBV 2,5/ 1-L BU - 3045321
Accessories
Plug-in bridge - FBS 10-5 BU - 3036916
Plug-in bridge, pitch: 5.2 mm, number of positions: 10, color: blue
 
 
Plug-in bridge - FBS 20-5 BU - 3036929
Plug-in bridge, pitch: 5.2 mm, number of positions: 20, color: blue
 
 
Plug-in bridge - FBS 50-5 BU - 3032114
Plug-in bridge, pitch: 5.2 mm, number of positions: 50, color: blue
 
 
Mounting material
Latching - UPRZ - 3045570
Latching, length: 39.8 mm, width: 10 mm, number of positions: 2, color: orange
 
 
Latching - UPR/ 2 - 3045567
Latching, length: 39.8 mm, width: 10 mm, number of positions: 2, color: orange
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com