Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3045321 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 3045321
Description  Plug - UPBV 2,5/ 1-L BU
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3045321 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  3045321 Datasheet HTML 1Page - PHOENIX CONTACT 3045321 Datasheet HTML 2Page - PHOENIX CONTACT 3045321 Datasheet HTML 3Page - PHOENIX CONTACT 3045321 Datasheet HTML 4Page - PHOENIX CONTACT 3045321 Datasheet HTML 5Page - PHOENIX CONTACT 3045321 Datasheet HTML 6Page - PHOENIX CONTACT 3045321 Datasheet HTML 7Page - PHOENIX CONTACT 3045321 Datasheet HTML 8Page - PHOENIX CONTACT 3045321 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
https://www.phoenixcontact.com/pi/products/3045321
09/12/2020   Page 2 / 15
Plug - UPBV 2,5/ 1-L BU - 3045321
Technical data
General
Insulating material group
I
Maximum power dissipation for nominal condition
0.77 W
Maximum load current
24 A (with 4 mm² conductor cross section)
Nominal current IN
24 A
Nominal voltage UN
500 V
Relative insulation material temperature index (Elec., UL 746 B)
130 °C
Temperature index of insulation material (DIN EN 60216-1 (VDE
0304-21))
130 °C
Static insulating material application in cold
-60 °C
Surface flammability NFPA 130 (ASTM E 162)
passed
Specific optical density of smoke NFPA 130 (ASTM E 662)
passed
Calorimetric heat release NFPA 130 (ASTM E 1354)
28 MJ/kg
Smoke gas toxicity NFPA 130 (SMP 800C)
passed
Fire protection for rail vehicles (DIN EN 45545-2) R22
HL 1 - HL 3
Fire protection for rail vehicles (DIN EN 45545-2) R23
HL 1 - HL 3
Fire protection for rail vehicles (DIN EN 45545-2) R24
HL 1 - HL 3
Fire protection for rail vehicles (DIN EN 45545-2) R26
HL 1 - HL 3
Dimensions
Width
5.2 mm
Length
20.5 mm
Height
47 mm
32.2 mm
Pitch
5.2 mm
Connection data
Connection method
Screw connection
Screw thread
M3
Stripping length
9 mm
Tightening torque, min
0.5 Nm
Tightening torque max
0.6 Nm
Connection in acc. with standard
IEC 61984
Conductor cross section solid min.
0.14 mm²
Conductor cross section solid max.
4 mm²
Conductor cross section AWG min.
26
Conductor cross section AWG max.
12
Conductor cross section flexible min.
0.14 mm²
Conductor cross section flexible max.
4 mm²
Min. AWG conductor cross section, flexible
26
Max. AWG conductor cross section, flexible
12
Conductor cross section flexible, with ferrule without plastic sleeve min. 0.14 mm²
Conductor cross section flexible, with ferrule without plastic sleeve max. 2.5 mm²



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com