Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7656 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7656
Description  250 kSPS, 6-Channel,Simultaneous Sampling, Bipolar 12/14/16-Bit ADC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7656 Datasheet(HTML) 4 Page - Analog Devices

  AD7656 Datasheet HTML 1Page - Analog Devices AD7656 Datasheet HTML 2Page - Analog Devices AD7656 Datasheet HTML 3Page - Analog Devices AD7656 Datasheet HTML 4Page - Analog Devices AD7656 Datasheet HTML 5Page - Analog Devices AD7656 Datasheet HTML 6Page - Analog Devices AD7656 Datasheet HTML 7Page - Analog Devices AD7656 Datasheet HTML 8Page - Analog Devices AD7656 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
AD7658/AD7657/AD7656
Preliminary Technical Data
Rev. PrI | Page 4 of 25
Parameter
B Versions1
Unit
Test Conditions/Comments
VSS
-9.5V/-16.5V
V min/max
AVCC
4.5/5.5
V min/V max
IDD
Digital I/PS = 0 V or VCC
Normal Mode (Static)
40
mA max
SCLK on or off. VCC = 5.5 V
Normal Mode (Operational)
35
mA max
fSAMPLE = 250 kSPS. VCC = 5.5 V
Full Power-Down Mode
5
µA max
SCLK on or off. VCC = 5.5 V
Power Dissipation
VCC = 5.5 V
Normal Mode (Operational)
192.5
mW max
fSAMPLE = 250 kSPS
Full Power-Down
16.5
µW max
1Temperature range as follows: B Version: −40°C to +85°C.
2 See terminology section.
3 Sample tested during initial release to ensure compliance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com