Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7656 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7656
Description  250 kSPS, 6-Channel,Simultaneous Sampling, Bipolar 12/14/16-Bit ADC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7656 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7656 Datasheet HTML 17Page - Analog Devices AD7656 Datasheet HTML 18Page - Analog Devices AD7656 Datasheet HTML 19Page - Analog Devices AD7656 Datasheet HTML 20Page - Analog Devices AD7656 Datasheet HTML 21Page - Analog Devices AD7656 Datasheet HTML 22Page - Analog Devices AD7656 Datasheet HTML 23Page - Analog Devices AD7656 Datasheet HTML 24Page - Analog Devices AD7656 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Preliminary Technical Data
AD7658/AD7657/AD7656
Rev. PrI | Page 21 of 25
devices in Daisy Chain Mode.
The CS falling edge is used to frame the serial transfer from the
AD7658/AD7657/AD7656 devices, take the bus out of three-
state and clock out the MSB of the first conversion result. In the
example shown all twelve ADC channels were simultaneously
sampled. Two DOUT line are used to read the conversion
results in this example. CS frames a 96 SCLK transfer. During
the first 48 SCLK the conversion data is transferred from Device
#2 to Device #1. DOUT A on device #2 transfers conversion
data from V1, V2 and V5 into DCINA in device #1. DOUT B on
device #2 transfers conversion results from V3, V4 and V6 to
DCIN B in device #1. During the first 48 SCLK device #1
transfers data into the digital host, DOUTA on device #1
transfers conversion data from V1, V2 and V5. DOUTB on
device #1 transfers conversion data from V3, V4 and V6.
During the last 48 SCLKs device #2 will clock out zeros, device
#1 will shift the data it clocked in from device #2 during the
first 48 SCLKs into the digital host. This example could also
have been implemented using 3 x 32 SCLK individually framed
SCLK transfers or 6 x 16 SCLK individually framed SCLK
transfers provided DCEN remained high during the transfers.
Figure 14 shows the timing if two AD7656 were configured in
Daisy chain mode but operating with three DOUT lines. Again
assuming a simultaneous sampling of all 12 inputs occurred.
During the read operation the CS frames a 64 SCLK transfer.
During the first 32 SCLKs of this transfer the conversion results
from Device #1 are clocked into the digital host and the
conversion results from device #2 are clocked into device #1.
During the last 32 SCLKs of the transfer the conversion results
from device #2 are clocked out of device #1 and into the digital
host. Device #2 will clock out zeros.
Digital Host
CONVERT
CS
SCLK
AD7656
AD7656
CONVST
CONVST
CS
CS
SCLK
SCLK
DATA IN1
DATA IN2
DOUTA
DOUTB
DOUTA
DOUTB
DCINA
DCINB
DCEN =0
DCEN=1
DEVICE #1
DEVICE #2
Figure 12. Daisy-Chain Configuration
DEVICE#1DOUTA
MSB V1
LSB V1 MSB V2
LSB V2 MSB V5
LSB V5 MSB V1
LSB V1 MSB V2
LSB V5
MSB V1
LSB V1 MSB V2
LSB V2 MSB V5
LSB V5
1
2
3
tCONV
t1
CONVST A/B/C
BUSY
SCLK
CS
15
16
17
31
32
33
47
48
49
63
65
64
94
95
96
DEVICE#1DOUTB
MSB V3
LSB V3 MSB V4
LSB V4 MSB V6
LSB V6 MSB V3
LSB V3 MSB V4
LSB V6
DEVICE#2DOUTA
MSB V3
LSB V3 MSB V4
LSB V4 MSB V6
LSB V6
DEVICE#2DOUTB
t17
t18
t19
Figure 13. Daisy-Chain Serial Interface Timing with 2 DOUT lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com