Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7656 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7656
Description  250 kSPS, 6-Channel,Simultaneous Sampling, Bipolar 12/14/16-Bit ADC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7656 Datasheet(HTML) 1 Page - Analog Devices

  AD7656 Datasheet HTML 1Page - Analog Devices AD7656 Datasheet HTML 2Page - Analog Devices AD7656 Datasheet HTML 3Page - Analog Devices AD7656 Datasheet HTML 4Page - Analog Devices AD7656 Datasheet HTML 5Page - Analog Devices AD7656 Datasheet HTML 6Page - Analog Devices AD7656 Datasheet HTML 7Page - Analog Devices AD7656 Datasheet HTML 8Page - Analog Devices AD7656 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
250 kSPS, 6-Channel,Simultaneous
Sampling, Bipolar 12/14/16-Bit ADC
Preliminary Technical Data
AD7658/AD7657/AD7656*
Rev. PrI
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
6 Independent ADCs
True Bipolar Analog Inputs
Pin/Software Selectable Ranges:- ±10V, ±5V
Fast throughput rate: 250 kSPS
Specified for VCC of 4.5 V to 5.5 V
Low power
160mW at 250 kSPS with 5 V supplies
Wide input bandwidth:
85 dB SNR at 50 kHz input frequency
On-chip Reference and Reference Buffers
Parallel and Serial Interface
High speed serial interface
SPI/QSPI/µWire/DSP compatible
Standby mode: 5 µA max
iCMOSTM Process Technology
64 LQFP package
APPLICATIONS
Power Line Monitoring systems
Instrumentation and control systems
Multi-axis positioning systems
FUNCTIONAL BLOCK DIAGRAM
16-BIT SAR
BUF
AGND
DGND
V1
+5
AVCC
SCLK
DOUTB
AD7656
OUTPUT
DRIVERS
CONTROL
LOGIC
T/H
VDRIVE
SER/PAR
VDD
REF
VSS
T/H
T/H
T/H
T/H
T/H
V2
16-BIT SAR
16-BIT SAR
16-BIT SAR
16-BIT SAR
16-BIT SAR
V3
V4
V5
V6
DATA/
CONTROL
LINES
OUTPUT
DRIVERS
DOUTC
OUTPUT
DRIVERS
OUTPUT
DRIVERS
CLK
OSC
CONVSTA
CONVSTB CONVSTC
DVCC
4,
BUF
BUF
DOUTA
STBY
94
Figure 1.
GENERAL DESCRIPTION
The AD7658/AD7657/AD7656 contain six 12/14/16-bit, fast, low
power, successive approximation ADCs all in the one package.
The AD7658/AD7657/AD7656 core operates from a single 4.5
V to 5.5 V power supply and features throughput rates up to 250
kSPS. The parts contain low noise, wide bandwidth track-and-
hold amplifiers that can handle input frequencies up to 8 MHz.
The conversion process and data acquisition are controlled
using CONVST signals and an internal oscillator. Three
CONVST pins allow independent simultaneous sampling of the
three ADC pairs. The AD7658/AD7657/AD7656 have both a
high speed parallel and serial interface allowing the devices to
interface with microprocessors or DSPs. When in Serial
interface mode these parts have a Daisy Chain feature allowing
multiple ADCs to connect to a single serial interface. The
AD7658/AD7657/AD7656 can accommodate true bipolar input
signals in the ±10V range and ±5V range . They contain a 2.5V
internal reference and can also accept an external reference. If a
3V external reference is applied to the VREF pin, the ADCs can
accommodate a true bipolar ±12V analog input range. VDD and
VSS supplies of ±12V are required for this ±12V input range.
PRODUCT HIGHLIGHTS
1.
Six 12/14/16-bit 250 kSPS ADCs on board.
2.
Six true bipolar high impedance analog inputs.
3.
The AD7658/AD7657/AD7656 feature both a parallel and
a high speed serial interface.
* Protected by U.S. Patent No. 6,731,232
iCMOSTM Process Technology
For analog systems designers within industrial/instrumentation equipment OEMs who need high performance ICs at higher-voltage levels, iCMOS is a technology platform
that enables the development of analog ICs capable of 30V and operating at +/- 15V supplies while allowing dramatic reductions in power consumption and package size, and
increased AC and DC performance.


Similar Part No. - AD7656

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7656 AD-AD7656 Datasheet
588Kb / 32P
250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC
Rev. D
AD7656-1 AD-AD7656-1 Datasheet
866Kb / 32P
250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-/14-/12-Bit ADC
REV. 0
AD7656-1 AD-AD7656-1_15 Datasheet
716Kb / 32P
250 kSPS, 6-Channel, Simultaneous
REV. D
AD7656A AD-AD7656A Datasheet
498Kb / 28P
250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
REV. 0
AD7656A AD-AD7656A Datasheet
521Kb / 29P
250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
Rev. 0
More results

Similar Description - AD7656

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7656-1 AD-AD7656-1 Datasheet
866Kb / 32P
250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-/14-/12-Bit ADC
REV. 0
AD7656 AD-AD7656 Datasheet
588Kb / 32P
250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC
Rev. D
AD7656YSTZ AD-AD7656YSTZ Datasheet
588Kb / 32P
250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC
Rev. D
AD7862ANZ-10 AD-AD7862ANZ-10 Datasheet
331Kb / 16P
Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
logo
List of Unclassifed Man...
AD7656A-1BSTZ ETC2-AD7656A-1BSTZ Datasheet
624Kb / 28P
250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
AD7656ABSTZ ETC2-AD7656ABSTZ Datasheet
498Kb / 28P
250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
logo
Analog Devices
AD7656A AD-AD7656A Datasheet
498Kb / 28P
250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
REV. 0
AD7656A-1 AD-AD7656A-1 Datasheet
624Kb / 28P
250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
REV. 0
AD7656A AD-AD7656A_17 Datasheet
521Kb / 29P
250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
Rev. 0
AD7656A-1 AD-AD7656A-1_17 Datasheet
664Kb / 29P
250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com