Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL4CS211 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # AL4CS211
Description  Synchronous FIFO
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AL4CS211 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button AL4CS211 Datasheet HTML 10Page - List of Unclassifed Manufacturers AL4CS211 Datasheet HTML 11Page - List of Unclassifed Manufacturers AL4CS211 Datasheet HTML 12Page - List of Unclassifed Manufacturers AL4CS211 Datasheet HTML 13Page - List of Unclassifed Manufacturers AL4CS211 Datasheet HTML 14Page - List of Unclassifed Manufacturers AL4CS211 Datasheet HTML 15Page - List of Unclassifed Manufacturers AL4CS211 Datasheet HTML 16Page - List of Unclassifed Manufacturers AL4CS211 Datasheet HTML 17Page - List of Unclassifed Manufacturers AL4CS211 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
AL4CS211/AL4CS221/AL4CS231/AL4CS241/AL4CS251
AL4CS211/AL4CS221/AL4CS231/AL4CS241/AL4CS251
December 14, 2001
14
10.0 Electrical Characteristics
10.1 Absolute Maximum Ratings
Parameter
3.3V Rating
Unit
VDD
Supply Voltage
-0.3 ~ +3.8
V
VP
Pin Voltage
-0.3 ~ +(VDD+0.3)
V
IO
Output Current
-20 ~ +20
mA
TAMB
Ambient Op. Temperature
0 ~ +85
°C
Tstg
Storage temperature
-40 ~ +125
°C
10.2 Recommended Operating Conditions
3.3V Rating
Parameter
Min
Typ
Max
Unit
VDD
Supply Voltage
+3.0
+3.3
+3.6
V
VIH
High Level Input Voltage
0.7 VDD
VDD
V
VIL
Low Level Input Voltage
0
0.3 VDD
V
10.3 DC Characteristics
(VDD = 3.3V, Vss=0V. TAMB = 0 to 70°C)
3.3V Rating
Parameter
Min
Typ
Max
Unit
IDD
Operating Current @20MHz
-
-
16
mA
IDDS
Standby Current
-
1.8
5
mA
VOH
Hi-level Output Voltage
2.4
-
VDD
V
VOL
Lo-level Output Voltage
-
-
+0.4
V
ILI
Input Leakage Current
-2
-
+2
µA
ILO
Output Leakage Current
-10
-
+10
µA
Note: The Operating Current is tested at RCLK=WCLK=20MHz and data inputs switch at
10MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com