Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL4CS211 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AL4CS211
Description  Synchronous FIFO
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AL4CS211 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AL4CS211 Datasheet HTML 1Page - List of Unclassifed Manufacturers AL4CS211 Datasheet HTML 2Page - List of Unclassifed Manufacturers AL4CS211 Datasheet HTML 3Page - List of Unclassifed Manufacturers AL4CS211 Datasheet HTML 4Page - List of Unclassifed Manufacturers AL4CS211 Datasheet HTML 5Page - List of Unclassifed Manufacturers AL4CS211 Datasheet HTML 6Page - List of Unclassifed Manufacturers AL4CS211 Datasheet HTML 7Page - List of Unclassifed Manufacturers AL4CS211 Datasheet HTML 8Page - List of Unclassifed Manufacturers AL4CS211 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
AL4CS211/AL4CS221/AL4CS231/AL4CS241/AL4CS251
AL4CS211/AL4CS221/AL4CS231/AL4CS241/AL4CS251
December 14, 2001
5
4.0 Chip Information
4.1 Marking Information
AL4CS2X1
X-XX-XX
XXXX
XXXXX
Part Number: X = 1, 2, 3, 4, 5 as
AL4CS211, AL4CS221, AL4CS231,
AL4CS241, AL4CS251
Package: XX =
J:
PLCC
PF:
TQFP
Speed Grade: XX = -10, -7.5, ..
Version Number: X = A, B, C..
Lot Number
Date Code
4.1 Ordering Information
The ordering information for AL4CS211/AL4CS221/AL4CS231/AL4CS241/AL4CS251 are:
Part number
Package
Power Supply
Status
AL4CS211/221/231/241/251(A-10-PF)
32-pin plastic
TQFP(7x7mm)
+3.3V
±10%
Sample in Aug., 2001
AL4CS211/221/231/241/251(A-7.5-PF)
32-pin plastic
TQFP(7x7mm)
+3.3V
±10%
Sample in Aug., 2001
AL4CS211/221/231/241/251(A-10-J)
32-pin plastic
PLCC
+3.3V
±10%
Sample in Aug., 2001
AL4CS211/221/231/241/251(A-7.5-J)
32-pin plastic
PLCC
+3.3V
±10%
Sample in Aug., 2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com