Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL4CS211 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AL4CS211
Description  Synchronous FIFO
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AL4CS211 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AL4CS211 Datasheet HTML 1Page - List of Unclassifed Manufacturers AL4CS211 Datasheet HTML 2Page - List of Unclassifed Manufacturers AL4CS211 Datasheet HTML 3Page - List of Unclassifed Manufacturers AL4CS211 Datasheet HTML 4Page - List of Unclassifed Manufacturers AL4CS211 Datasheet HTML 5Page - List of Unclassifed Manufacturers AL4CS211 Datasheet HTML 6Page - List of Unclassifed Manufacturers AL4CS211 Datasheet HTML 7Page - List of Unclassifed Manufacturers AL4CS211 Datasheet HTML 8Page - List of Unclassifed Manufacturers AL4CS211 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
AL4CS211/AL4CS221/AL4CS231/AL4CS241/AL4CS251
AL4CS211/AL4CS221/AL4CS231/AL4CS241/AL4CS251
December 14, 2001
4
1.0 Description
The AL4CS211/AL4CS221/AL4CS231/AL4CS241/AL4CS251 series memory products are high-
performance, low-power 9-bit read/write FIFO (First-In-First-Out) memory chips. They are
specially designed to buffer high speed streaming data for a wide range of communication
applications, such as optical disk controllers, Local Area Networks (LANs), SONET (Synchronous
Optical Network).
The input data is synchronous with a free-running clock (WCLK), and input-enable pins (/WEN1,
/WEN2). Data is written into the FIFO on every clock when enable pins are asserted. The output is
synchronous with the other free-running clock (RCLK) and enables (/REN1, /REN2).
An Output
Enable pin (/OE) is provided at the read port for tri-state control of the output port. The FIFOs can
output two fixed flags, Empty Flag( /EF) and Full Flag (/FF), and two programmable flags, Almost-
Empty (/PAE) and Almost-Full (/PAF). The offsets of the /PAE and /PAF flags are loaded when
Load pin (/LD) goes low.
2.0 Features
• 512 x9-bit cell array (AL4CS211)
• 1,024 x9-bit cell array (AL4CS221)
• 2,048 x9-bit cell array (AL4CS231)
• 4,096 x9-bit cell array (AL4CS241)
• 8,192 x9-bit cell array (AL4CS251)
• 100/133 MHz Operation
• 10/7.5 ns read/write cycle time
• Independent Read and Write operations
• Empty and Full flags support
• Programmable Almost-Empty and
Almost-Full flags
• Output enable (data skipping)
• 3.3V power supply with 5V tolerant
• Available in a 32-pin Thin Quad Flat
Pack (TQFP) and 32-pin plastic
leaded chip carrier (PLCC) packages
3.0 Applications
• Routers
• ATM switches
• Cable modems
• Wireless base stations
• SONET(Synchronous Optical Network) multiplexers
• Multimedia systems
• Time base correction (TBC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com