Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL4CS221 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AL4CS221
Description  Synchronous FIFO
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AL4CS221 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AL4CS221 Datasheet HTML 6Page - List of Unclassifed Manufacturers AL4CS221 Datasheet HTML 7Page - List of Unclassifed Manufacturers AL4CS221 Datasheet HTML 8Page - List of Unclassifed Manufacturers AL4CS221 Datasheet HTML 9Page - List of Unclassifed Manufacturers AL4CS221 Datasheet HTML 10Page - List of Unclassifed Manufacturers AL4CS221 Datasheet HTML 11Page - List of Unclassifed Manufacturers AL4CS221 Datasheet HTML 12Page - List of Unclassifed Manufacturers AL4CS221 Datasheet HTML 13Page - List of Unclassifed Manufacturers AL4CS221 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
AL4CS211/AL4CS221/AL4CS231/AL4CS241/AL4CS251
AL4CS211/AL4CS221/AL4CS231/AL4CS241/AL4CS251
December 14, 2001
10
8.2.6 Output Enable (/OE)
When Output Enable (/OE) is enabled (LOW), the parallel output buffers receive data from the output
register. When /OE is disabled (HIGH), the Q8 ~ Q0 output data bus is in a high-impedance state.
8.2.7 Write Enable2 & /LD (WEN2</LD>)
This is a dual-purpose pin. The FIFO can be configured at Reset to have programmable flags or to
have two write enables, which allows depth expansion.
2 Write Enable Configuration
If Write Enable 2<Load> (WEN2</LD>) is set high at Reset (/RS = LOW), this pin operates as a
second Write Enable pin. In this configuration, when Write Enable (/WEN1) is LOW and Write
Enable 2<Load> (WEN2</LD>) is HIGH, data can be written into the FIFO on the rising edge of
every Write Clock (WCLK). Data is stored in FIFO sequentially and independently of any on-going
read operation. When Write Enable (/WEN1) is HIGH and/or Write Enable 2<Load> (WEN2</LD>)
is LOW, the input register holds the previous data and no new data is allowed to be written into the
FIFO. To prevent data overflow, the Full Flag (/FF) will go LOW, inhibiting further write operations.
Upon the completion of a valid read cycle, the Full Flag (/FF) will go HIGH after tWFF, allowing a valid
write to begin. Write Enable 1 (/WEN1) and Write Enable 2<Load> (WEN2</LD>) are ignored
when the FIFO is full.
Single Write Enable and Programmable Flags Support Configuration
The FIFO is configured to have programmable flags when the Write Enable2<Load> (WEN2</LD>)
is set to LOW at Reset (/RS = LOW). The AL4CS211/221/231/241/251 devices contain four 8-bit
offset registers, which can be loaded with data on the inputs, or read from the outputs. See following
table for details of the size of the registers and the default values.
1
st word
2
nd word
3
rd word
4
th word
[7:0] Empty Offset (LSB)
[0] Empty Offset (MSB)
[7:0] Full Offset (LSB)
[0] Full Offset (MSB)
AL4CS211
Default = 07h
Default = 0b
Default = 07h
Default = 0b
[7:0] Empty Offset (LSB)
[1:0] Empty Offset (MSB)
[7:0] Full Offset (LSB)
[1:0] Full Offset (MSB)
AL4CS221
Default = 07h
Default = 00b
Default = 07h
Default = 00b
[7:0] Empty Offset (LSB)
[2:0] Empty Offset (MSB)
[7:0] Full Offset (LSB)
[2:0] Full Offset (MSB)
AL4CS231
Default = 07h
Default = 000b
Default = 07h
Default = 000b
[7:0] Empty Offset (LSB)
[3:0] Empty Offset (MSB)
[7:0] Full Offset (LSB)
[3:0] Full Offset (MSB)
AL4CS241
Default = 07h
Default = 0000b
Default = 07h
Default = 0000b
[7:0] Empty Offset (LSB)
[4:0] Empty Offset (MSB)
[7:0] Full Offset (LSB)
[4:0] Full Offset (MSB)
AL4CS251
Default = 07h
Default = 00000b
Default = 07h
Default = 00000b
In this configured, when the Write Enable1 (/WEN1) and Write Enable 2<Load> (WEN2</LD>) are
set LOW, data on the inputs D8 ~ D0 is written into the Empty (Least Significant Bit) Offset register
on the first rising edge of the Write Clock (WCLK). Data is written into the Empty (Most Significant
Bit) Offset register on the second rising edge of the Write Clock (WCLK), into the Full (Least
Significant Bit) Offset register on the third transition, and into the Full (Most Significant Bit) Offset
register on the fourth transition. The fifth transition of the Write Clock (WCLK) again writes to the
Empty (Least Significant Bit) Offset register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com