Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL4CS221 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AL4CS221
Description  Synchronous FIFO
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AL4CS221 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AL4CS221 Datasheet HTML 1Page - List of Unclassifed Manufacturers AL4CS221 Datasheet HTML 2Page - List of Unclassifed Manufacturers AL4CS221 Datasheet HTML 3Page - List of Unclassifed Manufacturers AL4CS221 Datasheet HTML 4Page - List of Unclassifed Manufacturers AL4CS221 Datasheet HTML 5Page - List of Unclassifed Manufacturers AL4CS221 Datasheet HTML 6Page - List of Unclassifed Manufacturers AL4CS221 Datasheet HTML 7Page - List of Unclassifed Manufacturers AL4CS221 Datasheet HTML 8Page - List of Unclassifed Manufacturers AL4CS221 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
AL4CS211/AL4CS221/AL4CS231/AL4CS241/AL4CS251
AL4CS211/AL4CS221/AL4CS231/AL4CS241/AL4CS251
December 14, 2001
3
AL4CS211/AL4CS221/AL4CS231/AL4CS241/
AL4CS251 (512 x9, 1k x9, 2k x9, 4k x9, 8k x9)
Synchronous FIFO
Contents:
1.0 Description ________________________________________________________________ 4
2.0 Features___________________________________________________________________ 4
3.0 Applications________________________________________________________________ 4
4.0 Chip Information ___________________________________________________________ 5
4.1 Marking Information _____________________________________________________________ 5
4.1 Ordering Information _____________________________________________________________ 5
5.0 Pin-out Diagram ____________________________________________________________ 6
6.0 Block Diagram _____________________________________________________________ 6
7.0 Pin Definition and Description ________________________________________________ 7
8.0 Memory Operations _________________________________________________________ 8
8.1 Inputs and Outputs _______________________________________________________________ 8
8.2 Controls ________________________________________________________________________ 9
8.3 Flags__________________________________________________________________________ 11
9.0 Multiple Devices Bus Expansion and Cascading _________________________________ 12
9.1 Width Expansion Configuration ___________________________________________________ 12
9.2 Depth Expansion ________________________________________________________________ 12
10.0 Electrical Characteristics ___________________________________________________ 14
10.1 Absolute Maximum Ratings ______________________________________________________ 14
10.2 Recommended Operating Conditions ______________________________________________ 14
10.3 DC Characteristics _____________________________________________________________ 14
10.4 AC Electrical Characteristics_____________________________________________________ 15
10.5 Timing Diagrams_______________________________________________________________ 16
11.0 Mechanical Drawing ______________________________________________________ 23
11.1 7x7mm 32-pin TQFP Package ____________________________________________________ 23
11.2 32-pin PLCC Package___________________________________________________________ 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com