Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL4CS221 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # AL4CS221
Description  Synchronous FIFO
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AL4CS221 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AL4CS221 Datasheet HTML 4Page - List of Unclassifed Manufacturers AL4CS221 Datasheet HTML 5Page - List of Unclassifed Manufacturers AL4CS221 Datasheet HTML 6Page - List of Unclassifed Manufacturers AL4CS221 Datasheet HTML 7Page - List of Unclassifed Manufacturers AL4CS221 Datasheet HTML 8Page - List of Unclassifed Manufacturers AL4CS221 Datasheet HTML 9Page - List of Unclassifed Manufacturers AL4CS221 Datasheet HTML 10Page - List of Unclassifed Manufacturers AL4CS221 Datasheet HTML 11Page - List of Unclassifed Manufacturers AL4CS221 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
AL4CS211/AL4CS221/AL4CS231/AL4CS241/AL4CS251
AL4CS211/AL4CS221/AL4CS231/AL4CS241/AL4CS251
December 14, 2001
8
/REN2
Read Enable 8
12
I
When /REN1 and /REN2 are LOW, data is read
from the FIFO on every rising edge of RCLK.
Data will not be read from the FIFO if the /EF is
LOW.
/OE
Output
Enable
9
13
I
When /OE is LOW, the data output bus is
active. If /OE is HIGH, the output data bus will
be in high-impedance.
RCLK
Read Clock
7
11
I
Data is read from the FIFO on a rising edge of
RCLK when /REN1 and /REN2 are LOW, and
if the FIFO is not empty.
Miscellaneous & Flags Signals
Pin
Symbol
Pin name
TQFP
Pin no.
PLCC
Pin no.
I/O
typ
Description
/RS
Reset
25
29
I
When /RS is set LOW, internal read and write
pointers are set to the first location of the RAM
array, /FF and /PAF go HIGH, and /PAE and
/EF go LOW. A reset is required before an
initial WRITE after power-up.
/FF
Full Flag
11
15
O
/FF indicates whether or not the FIFO memory
is full.
/EF
Empty Flag
10
14
O
/EF indicates whether or not the FIFO memory
is empty.
/PAE
Programmabl
e Almost-
Full Flag
4
8
O
When /PAE is LOW, the FIFO is Almost-Empty
based on the offset programmed into the FIFO.
/PAF
Programmabl
e Almost-
Full Flag
3
7
O
When /PAF is LOW, the FIFO is Almost –Full
based on the offset programmed into the FIFO.
Power/Ground Signals
Pin
Symbol
Pin name
TQFP
Pin no.
PLCC
Pin no.
I/O
typ
Description
VCC
Power
21
25
-
3.3V
± 10% power supply
GND
Ground
5
9
-
Ground.
8.0 Memory Operations
8.1 Inputs and Outputs
8.1.1 DATA INPUTS (D8 ~ D0)
D8 ~ D0 are 9-bit wide of input data port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com