Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT3904LP Datasheet(PDF) 2 Page - FutureWafer Tech Co.,Ltd

Part # MMBT3904LP
Description  40V Matched Pair NPN Small Signal Transistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

MMBT3904LP Datasheet(HTML) 2 Page - FutureWafer Tech Co.,Ltd

  MMBT3904LP Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd MMBT3904LP Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd MMBT3904LP Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd MMBT3904LP Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd MMBT3904LP Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd MMBT3904LP Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd MMBT3904LP Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd MMBT3904LP Datasheet HTML 8Page - FutureWafer Tech Co.,Ltd MMBT3904LP Datasheet HTML 9Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
www.futurewafer.com.tw
Document No.F51830A
05-Apr-2021 V2.0
MMBT3904 Family
40V Matched Pair
NPN Small Signal Transistors
Electrical Characteristics
Parameter
Symbol
Condition
Min.
Typ.
Max.
Units
Collector-Emitter Breakdown Voltage
V BR –CEO
I C = 1mA,I B = 0
-
-
40
V
Collector-Base Breakdown Voltage
V BR –CBO
I C = 10uA,I E = 0
-
-
60
Emitter-Base Breakdown Voltage
V BR –EBO
I E = 10uA,I C = 0
-
-
6.0
Emitter Cut-off Current
I EBO
V EB = 6V,I C = 0
-
-
50
nA
Collector Cut-off Current
I CBO
V CB = 30V,I E = 0
-
-
50
Parameter
Symbol
Condition
Min.
Typ.
Max.
Units
DC Current Gain
h FE
I c = 0.1mA,V CE = 1.0V
40
-
-
I c = 1.0mA,V CE = 1.0V
70
-
-
I c = 10mA,V CE = 1.0V
100
-
300
I c = 50mA,V CE = 1.0V
60
-
-
I c = 100mA,V CE = 1.0V 30
-
-
Collector-Emitter Saturation Voltage
V CE(sat)
I c = 10mA,I B = 1.0mA
-
-
200
mV
I c = 50mA,I B = 5.0mA
-
-
300
Base-Emitter Saturation Voltage
V BE(sat)
I c = 10mA,I B = 1.0mA
650
-
850
I c = 50mA,I B = 5.0mA
-
-
950
On Characteristics
Small Signal Characteristics
Parameter
Symbol
Condition
Min.
Typ.
Max.
Units
Current Gain Bandwidth Product
f T
I C = 10mA,V CE = 20V,
f = 100MHZ
300
-
-
MHZ
Collector Output Capacitance
C OB
V CB = 10V,f = 100MHZ
-
-
4.0
pF
Input Capacitance
C IBO
V EB = 0.5V,f = 1.0MHZ
-
-
8.0
Delay Time
T d
V CC = 3V,
V BE(OFF) = 0.5V,
I C = 10mA,
I B1 = 1mA
-
-
35
nS
Rise Time
T r
-
-
35
Storage Time
T stg
V CC = 3V,
V BE(OFF) = 0.5V,
I C = 10mA,
I B1 = -I B2 = 1mA
-
-
200
Fall Time
T f
-
-
50



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com