Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT3904LP Datasheet(PDF) 5 Page - FutureWafer Tech Co.,Ltd

Part # MMBT3904LP
Description  40V Matched Pair NPN Small Signal Transistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

MMBT3904LP Datasheet(HTML) 5 Page - FutureWafer Tech Co.,Ltd

  MMBT3904LP Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd MMBT3904LP Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd MMBT3904LP Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd MMBT3904LP Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd MMBT3904LP Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd MMBT3904LP Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd MMBT3904LP Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd MMBT3904LP Datasheet HTML 8Page - FutureWafer Tech Co.,Ltd MMBT3904LP Datasheet HTML 9Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.futurewafer.com.tw
Document No.F51830A
05-Apr-2021 V2.0
MMBT3904 Family
40V Matched Pair
NPN Small Signal Transistors
Package Information-SOT-363
Suggest Pad Layout
Symbol
Millimeters
MIN
MAX
A
0.10
0.25
B
0.12
-
C
-
0.10
D
0.80
1.10
E
1.80
2.20
F
1.30
G
0.65
H
1.90
2.30
J
1.10
1.40
K
0.15
0.30
Unit:mm
Unit:mm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com