Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT3904LP Datasheet(PDF) 1 Page - FutureWafer Tech Co.,Ltd

Part # MMBT3904LP
Description  40V Matched Pair NPN Small Signal Transistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

MMBT3904LP Datasheet(HTML) 1 Page - FutureWafer Tech Co.,Ltd

  MMBT3904LP Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd MMBT3904LP Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd MMBT3904LP Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd MMBT3904LP Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd MMBT3904LP Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd MMBT3904LP Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd MMBT3904LP Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd MMBT3904LP Datasheet HTML 8Page - FutureWafer Tech Co.,Ltd MMBT3904LP Datasheet HTML 9Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
www.futurewafer.com.tw
Document No.F51830A
05-Apr-2021 V2.0
MMBT3904 Family
40V Matched Pair
NPN Small Signal Transistors
Mechanical Characteristics
●
Molded JEDEC Package
- SOT-23
- SOT-363
- DFN1006-3L
●
Packaging: Tape and Reel
●
Flammability Rating UL 94V-0
●
Halogen Free
●
JEDEC MSL Classification : Level 1
Maximum Ratings@25°C Unless Otherwise Specified
Parameter
Symbol
Value
Units
Min.
Max.
Collector Base Voltage
V CBO
-
60
V
Collector Emitter Voltage
V CEO
-
40
Emitter Base Voltage
V EBO
-
6.0
Collector Current
I C
-
200
mA
Total Power Dissipation
P tot
-
200
mW
Junction Temperature
T j
-55
°C
+150
Storage Temperature Range
T stg
Feature List
●
BVCEO > 40V
●
I C = 200mA High Collector Current
●
Pair of MMBT3906 Family.
●
2% Matching on Current Gain (hfe)
●
2mV Matching on Base-Emitter Voltage (VBE)
●
Fully Internally Isolated in a Surface Mount Package
Potential Applications
●
Current Mirrors
●
Differential and Instrumentation Amplifiers
●
Comparators
Absolute Maximum Ratings
DFN1006-3L MMBT3904LP
SOT-23 MMBT3904
SOT-363 MMBT3904BDW


Similar Part No. - MMBT3904LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBT3904LP DIODES-MMBT3904LP Datasheet
166Kb / 5P
40V NPN SURFACE MOUNT TRANSISTOR
Rev 3
logo
TECH PUBLIC Electronics...
MMBT3904LP TECHPUBLIC-MMBT3904LP Datasheet
470Kb / 2P
50V NPN General Purpose Transistor|
logo
Diodes Incorporated
MMBT3904LP-7 DIODES-MMBT3904LP-7 Datasheet
166Kb / 5P
40V NPN SURFACE MOUNT TRANSISTOR
Rev 3
MMBT3904LP-7 DIODES-MMBT3904LP-7 Datasheet
402Kb / 7P
40V NPN SMALL SIGNAL TRANSISTOR IN DFN1006
Rev 5
MMBT3904LP-7B DIODES-MMBT3904LP-7B Datasheet
166Kb / 5P
40V NPN SURFACE MOUNT TRANSISTOR
Rev 3
More results

Similar Description - MMBT3904LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMMT3904W DIODES-DMMT3904W_15 Datasheet
217Kb / 6P
40V MATCHED PAIR NPN SMALL SIGNAL TRANSISTOR IN SOT363
Rev 12
DMMT3906W DIODES-DMMT3906W_15 Datasheet
361Kb / 6P
40V MATCHED PAIR PNP SMALL SIGNAL TRANSISTOR IN SOT363
Rev 12
MMBT2222A DIODES-MMBT2222A_16 Datasheet
244Kb / 7P
40V NPN SMALL SIGNAL TRANSISTOR
Rev 16
MMBT3904 DIODES-MMBT3904_17 Datasheet
405Kb / 7P
40V NPN SMALL SIGNAL TRANSISTOR
Rev 25
logo
FutureWafer Tech Co.,Lt...
2SC3838 FUTUREWAFER-2SC3838 Datasheet
1Mb / 9P
20V Matched Pair NPN Small Signal Transistors
27-NOV-2021 V 2.0
MMBT2222 FUTUREWAFER-MMBT2222 Datasheet
1Mb / 9P
40V NPN Small Signal Transistors
25-AUG-2021 V 2.1
MMBT3906 FUTUREWAFER-MMBT3906 Datasheet
1Mb / 14P
40V Matched Pair PNP Small Signal Transistors
20-DEC-2021 V 2.1
logo
Diodes Incorporated
BCM846BS DIODES-BCM846BS Datasheet
331Kb / 5P
65V NPN MATCHED PAIR SMALL SIGNAL TRANSISTOR IN SOT363
September 2018 Rev. 1 - 2
BCM847BS DIODES-BCM847BS Datasheet
502Kb / 5P
45V NPN MATCHED PAIR SMALL SIGNAL TRANSISTOR IN SOT363
June 2022 Rev. 2 - 2
DMMT3904WQ DIODES-DMMT3904WQ Datasheet
459Kb / 6P
40V MATCHED PAIR NPN SMALL SIGNAL TRANSISTOR IN SOT363
July 2020 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com