Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT3906LP Datasheet(PDF) 1 Page - FutureWafer Tech Co.,Ltd

Part # MMBT3906LP
Description  40V Matched Pair PNP Small Signal Transistors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

MMBT3906LP Datasheet(HTML) 1 Page - FutureWafer Tech Co.,Ltd

  MMBT3906LP Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd MMBT3906LP Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd MMBT3906LP Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd MMBT3906LP Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd MMBT3906LP Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd MMBT3906LP Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd MMBT3906LP Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd MMBT3906LP Datasheet HTML 8Page - FutureWafer Tech Co.,Ltd MMBT3906LP Datasheet HTML 9Page - FutureWafer Tech Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MMBT3906 Family
40V Matched Pair
PNP Small Signal Transistors
Document No.: F51845B
20-DEC-2021 V 2.1
www.futurewafer.com.tw
FQE-001-04
1/14
1. Synopsis
1-1. Feature List
●
BV CEO > 40V
●
I C = 200mA High Collector Current
●
Pair of MMBT3904 Family
●
2% Matching on Current Gain ( h FE )
●
2mV Matching on Base-Emitter Voltage ( V BE )
●
Fully Internally Isolated In A Surface Mount Package
1-2. Applications
●
Current Mirrors
●
Differential and Instrumentation Amplifiers
●
Comparators
1-3. Mechanical Characteristics
●
Molded JEDEC Package: SOT23 / SOT363 / DFN1006-3L
●
Packing: Tape and Reel
●
Flammability rating UL 94V-0
●
Halogen Free
●
JEDEC MSL Classification: LEVEL 1
1-4. Device Characteristics
MMBT3906BDW
SOT363
MMBT3906
SOT23
MMBT3906LP
DFN1006-3L


Similar Part No. - MMBT3906LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBT3906LP DIODES-MMBT3906LP Datasheet
162Kb / 5P
40V PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 3
MMBT3906LP-7 DIODES-MMBT3906LP-7 Datasheet
162Kb / 5P
40V PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 3
MMBT3906LP-7 DIODES-MMBT3906LP-7 Datasheet
409Kb / 7P
40V PNP SMALL SIGNAL TRANSISTOR IN DFN1006
Rev 7
MMBT3906LP-7B DIODES-MMBT3906LP-7B Datasheet
162Kb / 5P
40V PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 3
MMBT3906LP-7B DIODES-MMBT3906LP-7B Datasheet
409Kb / 7P
40V PNP SMALL SIGNAL TRANSISTOR IN DFN1006
Rev 7
More results

Similar Description - MMBT3906LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BCM857BV DIODES-BCM857BV_15 Datasheet
275Kb / 5P
45V MATCHED PAIR PNP SMALL SIGNAL TRANSISTOR IN SOT563
Rev 3
DMMT3904W DIODES-DMMT3904W_15 Datasheet
217Kb / 6P
40V MATCHED PAIR NPN SMALL SIGNAL TRANSISTOR IN SOT363
Rev 12
DMMT3906W DIODES-DMMT3906W_15 Datasheet
361Kb / 6P
40V MATCHED PAIR PNP SMALL SIGNAL TRANSISTOR IN SOT363
Rev 12
MMBT3906 DIODES-MMBT3906_17 Datasheet
380Kb / 7P
40V PNP SMALL SIGNAL TRANSISTOR
Rev 20
MMBT3906T DIODES-MMBT3906T_16 Datasheet
428Kb / 6P
40V PNP SMALL SIGNAL TRANSISTOR
Rev 10
logo
FutureWafer Tech Co.,Lt...
2SC3838 FUTUREWAFER-2SC3838 Datasheet
1Mb / 9P
20V Matched Pair NPN Small Signal Transistors
27-NOV-2021 V 2.0
MMBT3904 FUTUREWAFER-MMBT3904 Datasheet
1Mb / 9P
40V Matched Pair NPN Small Signal Transistors
05-Apr-2021 V2.0
logo
Diodes Incorporated
BCM857BS DIODES-BCM857BS Datasheet
194Kb / 5P
45V MATCHED PAIR PNP SMALL SIGNAL TRANSISTOR IN SOT363
June 2014 Rev. 1 - 2
BCM857BV DIODES-BCM857BV Datasheet
571Kb / 7P
45V MATCHED PAIR PNP SMALL SIGNAL TRANSISTOR IN SOT563
June 2022 Rev. 4 - 2
DMMT3904WQ DIODES-DMMT3904WQ Datasheet
459Kb / 6P
40V MATCHED PAIR NPN SMALL SIGNAL TRANSISTOR IN SOT363
July 2020 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com