Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL4CS241 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AL4CS241
Description  Synchronous FIFO
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AL4CS241 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AL4CS241 Datasheet HTML 2Page - List of Unclassifed Manufacturers AL4CS241 Datasheet HTML 3Page - List of Unclassifed Manufacturers AL4CS241 Datasheet HTML 4Page - List of Unclassifed Manufacturers AL4CS241 Datasheet HTML 5Page - List of Unclassifed Manufacturers AL4CS241 Datasheet HTML 6Page - List of Unclassifed Manufacturers AL4CS241 Datasheet HTML 7Page - List of Unclassifed Manufacturers AL4CS241 Datasheet HTML 8Page - List of Unclassifed Manufacturers AL4CS241 Datasheet HTML 9Page - List of Unclassifed Manufacturers AL4CS241 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
AL4CS211/AL4CS221/AL4CS231/AL4CS241/AL4CS251
AL4CS211/AL4CS221/AL4CS231/AL4CS241/AL4CS251
December 14, 2001
6
5.0 Pin-out Diagram
The AL4CS211/AL4CS221/AL4CS231/AL4CS241/AL4CS251 pin-out diagram is following:
TQFP PACKAGE TOP VIEW
AVERLOGIC
AL4CS2X1
x-xx-xx
xxxx
xxxx
/FF
Q0
Q1
Q2
Q3
/OE
/EF
Q4
16
15
14
13
12
11
10
9
D2
D3
D7
/RS
D8
D4
D5
D6
25
26
27
28
29
30
31
32
13
30
4
1
21
20
14
AVERLOGIC
AL4CS2X1
x-xx-xx
xxxx
xxxx
31
32
2
3
15
16
17
18
19
22
23
24
25
26
27
28
29
12
11
10
9
8
7
6
5
Q2
Q1
Q0
/FF
/EF
Q3
Q4
D6
D5
D4
D3
D8
D2
D7
PLCC PACKAGE TOP VIEW
6.0 Block Diagram
(512, 1k ,2k,
4k, 8k) x9
Memory
Array
Input
Buffer
Output
Buffer
Write Control
Logic
Read Control
Logic
Flag Logic
Write Pointer
Read Pointer
Offset
Regissers
Reset Logic
Input data bus
Output data bus
/OE
WCLK
/WEN1
/LD
/RS
RCLK
/REN1
/FF
/EF
/PAF
/PAE
Figure 1. AL4CS2x1 FIFO Block Diagram
WEN2
/REN2
The internal structure of the AL4CS211/AL4CS221/AL4CS231/AL4CS241/AL4CS251 consists of
Input/Output buffers, Read/Write Control Logic and main (512, 1k, 2k, 4k, 8k) x9 different
configuration memory cell array and state-of-the-art logic design that takes care of addressing and
controlling the read/write data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com