Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL4CS241 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AL4CS241
Description  Synchronous FIFO
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AL4CS241 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AL4CS241 Datasheet HTML 5Page - List of Unclassifed Manufacturers AL4CS241 Datasheet HTML 6Page - List of Unclassifed Manufacturers AL4CS241 Datasheet HTML 7Page - List of Unclassifed Manufacturers AL4CS241 Datasheet HTML 8Page - List of Unclassifed Manufacturers AL4CS241 Datasheet HTML 9Page - List of Unclassifed Manufacturers AL4CS241 Datasheet HTML 10Page - List of Unclassifed Manufacturers AL4CS241 Datasheet HTML 11Page - List of Unclassifed Manufacturers AL4CS241 Datasheet HTML 12Page - List of Unclassifed Manufacturers AL4CS241 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
AL4CS211/AL4CS221/AL4CS231/AL4CS241/AL4CS251
AL4CS211/AL4CS221/AL4CS231/AL4CS241/AL4CS251
December 14, 2001
9
8.1.2 DATA OUTPUTS (Q8-Q0)
Q8 ~ Q0 are 9-bit wide of output data port.
8.2 Controls
8.2.1 Reset (/RS)
Reset takes place when the Reset (/RS) input is LOW. During reset, both internal read and write
pointers are set to the staring position. A reset is required to initial internal logic after power-up. The
Full Flag (/FF) and Programmable Almost-Full Flag (/PAF) will be reset to HIGH after tRSF. The
Empty Flag (/EF) and Programmable Almost-Empty Flag (/PAE) will be reset to LOW after tRSF.
During reset, the output register is initialized to all zeros and the offset registers are initialized to their
default values.
8.2.2 Write Clock (WCLK)
A write cycle is initiated on the rising edge of the Write Clock (WCLK). Data setup and hold times
must be met with respect to the rising edge of WCLK. The Full Flag (/FF) and Programmable Almost-
Full Flag (/PAF) are synchronized with respect to the rising edge of the Write Clock (WCLK).
The Write and Read Clocks can be asynchronous or coincident.
8.2.3 Write Enable1 (/WEN1)
If the FIFO is configured to support programmable flags, Write Enable 1 (/WEN1) is the only enable
control pin. In this configuration, when Write Enable 1 (/WEN1) is low, data can be written into the
input register and memory array on the rising edge of every Write Clock (WCLK). Data is stored in
the memory array sequentially and independently of any on going read operation. When Write Enable
1 (/WEN1) is HIGH, the input holds the previous data and no new data can be written into the
memory array. If the FIFO is configured to have two write enables, which allows for depth expansion,
two enable control pins are involved in the write operations. Please refer Write Enable 2 (WEN2)
section for details. To prevent data overflow, the Full Flag (/FF) will go LOW, inhibiting further write
operations. Upon the completion of a valid read cycle, the Full Flag (/FF) will go HIGH after tWFF,
allowing a valid write to begin. Write Enable(s) are ignored when the FIFO is full.
8.2.4 Read Clock (RCLK)
Data can be read on the outputs on the rising edge of the Read Clock (RCLK), when all the output
controls /REN1, /REN2, Output Enable (/OE) are set LOW. The Empty Flag (/EF) and
Programmable Almost-Empty Flag (/PAE) are synchronized with respect to the rising edge of the
Read Clock (RCLK). The Write and Read Clocks can be asynchronous or coincident.
8.2.5 Read Enable (/REN1, /REN2)
When both Read Enables (/REN1, /REN2) are LOW, data is read from the memory array to the
output register on the rising edge of the Read Clock (RCLK). When either Read Enable (/REN1,
/REN2) is HIGH, the output register holds the previous data and no new data can to be loaded into
the register. When all the data has been read from the FIFO, the Empty Flag (/EF) will go LOW,
inhibiting further read operations. Once a valid write operation has been done, the Empty Flag (/EF)
will go HIGH after tREF and a valid read can begin. The Read Enables (/REN1, /REN2) are ignored
when the FIFO is empty.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com