Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL4CS241 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AL4CS241
Description  Synchronous FIFO
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AL4CS241 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AL4CS241 Datasheet HTML 3Page - List of Unclassifed Manufacturers AL4CS241 Datasheet HTML 4Page - List of Unclassifed Manufacturers AL4CS241 Datasheet HTML 5Page - List of Unclassifed Manufacturers AL4CS241 Datasheet HTML 6Page - List of Unclassifed Manufacturers AL4CS241 Datasheet HTML 7Page - List of Unclassifed Manufacturers AL4CS241 Datasheet HTML 8Page - List of Unclassifed Manufacturers AL4CS241 Datasheet HTML 9Page - List of Unclassifed Manufacturers AL4CS241 Datasheet HTML 10Page - List of Unclassifed Manufacturers AL4CS241 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
AL4CS211/AL4CS221/AL4CS231/AL4CS241/AL4CS251
AL4CS211/AL4CS221/AL4CS231/AL4CS241/AL4CS251
December 14, 2001
7
7.0 Pin Definition and Description
The pin-out definition and function are described as following:
Write Bus Signals
Pin
Symbol
Pin name
TQFP
Pin no.
PLCC
Pin no.
I/O
Typ
Description
D[8:0]
Data Inputs
[26:32], 1,
2
[30:32],
[1:6]
I
9-bit input data bus.
/WEN1
Write Enable 24
28
I
/WEN1 is the only Write Enable pin, if FIFO is
configured to support programmable flags.
When /WEN1 is LOW, data is written into the
FIFO on every rising edge of WCLK. If the
FIFO is configured to have two write enables,
/WEN1 must be LOW and WEN2 must be
HIGH to write data into the FIFO. When FIFO
is full (/FF = LOW), data will not be written
into FIFO.
WEN2
</LD>
Write Enable 22
26
I
The FIFO is configured at the Reset to either
have two write enables or support
programmable flags. If Write Enable 2<Load>
(WEN2</LD>) is HIGH at Reset (/RS =
LOW), this pin will operate as a second Write
Enable pin. If Write Enable 2<Load>
(WEN2</LD>) is LOW at Reset (/RS = LOW),
the FIFO is configured to support
programmable flags function and /WEN1 is the
only Write Enable pin.
WCLK
Write Clock 23
27
I
Data is written into the FIFO on a rising edge of
WCLK when the Write Enable(s) are asserted.
Data will not be written into FIFO if /FF is not
LOW.
Read Bus Signals
Pin
symbol
Pin name
TQFP
Pin no.
PLCC
Pin no.
I/O
typ
Description
Q[8:0]
Data Outputs [21:12]
[24:16]
O
9-bit output data bus.
/REN1
Read Enable 6
10
I
When both /REN1 and /REN2 are LOW, data is
read from the FIFO on every rising edge of
RCLK. Data will not be read from the FIFO if
the /EF is LOW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com