Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1404310 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1404310
Description  Network cable - VS-M12MS-IP20-94B-LI/10,0
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1404310 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1404310 Datasheet HTML 1Page - PHOENIX CONTACT 1404310 Datasheet HTML 2Page - PHOENIX CONTACT 1404310 Datasheet HTML 3Page - PHOENIX CONTACT 1404310 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
https://www.phoenixcontact.com/pi/products/1404310
12/03/2018   Page 3 / 4
Network cable - VS-M12MS-IP20-94B-LI/10,0 - 1404310
Technical data
Line characteristics
Twisted pairs
2 cores to the pair
Overall twist
4 pairs for core
Shielding
Aluminum-coated foil, tinned copper braided shield
Optical shield covering
70 %
Outer sheath, material
PUR
Material conductor insulation
Foamed PE
Conductor material
Bare Cu litz wires
Cable weight
47 kg/km
Minimum bending radius, fixed installation
4 x D
Minimum bending radius, flexible installation
8 x D
Flame resistance
according to IEC 60332-1-2
Halogen-free
according to IEC 60754-1
Resistance to oil
according to EN 60811-2-1
Ambient temperature (operation)
-40 °C ... 80 °C (cable, fixed installation)
-20 °C ... 80 °C (cable, flexible installation)
Environmental Product Compliance
REACh SVHC
Lead 7439-92-1
China RoHS
Environmentally friendly use period: unlimited = EFUP-e
No hazardous substances above threshold values
Drawings
Cable cross section
Ethernet, flexible, CAT5 [94B]
Dimensional drawing
47,3
Plug, M12 x 1, straight, shielded



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com