Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1404310 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1404310
Description  Network cable - VS-M12MS-IP20-94B-LI/10,0
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1404310 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1404310 Datasheet HTML 1Page - PHOENIX CONTACT 1404310 Datasheet HTML 2Page - PHOENIX CONTACT 1404310 Datasheet HTML 3Page - PHOENIX CONTACT 1404310 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
https://www.phoenixcontact.com/pi/products/1404310
12/03/2018   Page 2 / 4
Network cable - VS-M12MS-IP20-94B-LI/10,0 - 1404310
Technical data
Line characteristics
Cable structure
4x2xAWG26/7; SF/UTP
Conductor cross section
4x 2x 0.14 mm²
AWG signal line
26
Conductor structure signal line
7x 0.16 mm
Core diameter including insulation
0.96 mm
External cable diameter
6.4 mm ±0.2 mm
Wire colors
white/blue-blue, white/orange-orange, white/green-green, white/brown-
brown
External sheath, color
water blue RAL 5021
Transmission medium
Copper
Insulation resistance
≥ 500 MΩ*km
Wave impedance
100 Ω ±5 Ω (at 100 MHz)
Near end crosstalk attenuation (NEXT)
71.3 dB (with 1 MHz)
62.3 dB (at 4 МHz)
56.3 dB (at 10 MHz)
53.2 dB (at 16 MHz)
51.8 dB (at 20 МHz)
48.9 dB (at 31.25 МHz)
44.4 dB (at 62.5 МHz)
41.3 dB (at 100 MHz)
Wave attenuation
3.2 dB (with 1 MHz)
6 dB (at 4 МHz)
9.5 dB (at 10 MHz)
12.1 dB (at 16 MHz)
13.6 dB (at 20 МHz)
17.1 dB (at 31.25 МHz)
24.8 dB (at 62.5 МHz)
32 dB (at 100 MHz)
Return Loss
23 dB (at 4 МHz)
24.1 dB (at 8 МHz)
25 dB (at 10 MHz)
25 dB (at 16 MHz)
25 dB (at 20 МHz)
23.6 dB (at 31.25 МHz)
21.5 dB (at 62.5 МHz)
20.1 dB (at 100 MHz)
Signal runtime
5.3 ns/m
Coupling resistance
≤ 100.00 mΩ/m (at 10 MHz)
Nominal voltage, cable
≤ 100 V
Test voltage Core/Core
700 V (50 Hz, 1 min.)
Test voltage Core/Shield
700 V (50 Hz, 1 min.)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com