Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1404310 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1404310
Description  Network cable - VS-M12MS-IP20-94B-LI/10,0
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1404310 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1404310 Datasheet HTML 1Page - PHOENIX CONTACT 1404310 Datasheet HTML 2Page - PHOENIX CONTACT 1404310 Datasheet HTML 3Page - PHOENIX CONTACT 1404310 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/pi/products/1404310
12/03/2018   Page 1 / 4
Network cable - VS-M12MS-IP20-94B-LI/10,0 - 1404310
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Assembled Ethernet cable, shielded, 4-pair, 26 AWG stranded (7-wire), RAL 5021 (water blue), M12 plug to
RJ45 plug/IP20, line, length 10 m
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4046356690164
Technical data
Mechanical characteristics
Number of positions
8
Insertion/withdrawal cycles
≥ 100
Cable outlet
straight
Length of cable
10 m
No. of cable outlets
1
Ambient conditions
Ambient temperature (operation)
-25 °C ... 60 °C (cable, fixed installation)
-5 °C ... 60 °C (cable, flexible installation)
Material data
Flammability rating according to UL 94
HB
Standards and Regulations
Flammability rating according to UL 94
HB
Line characteristics
Cable type
Ethernet, flexible, CAT5
Cable abbreviation
02YS(ST)C11Y
UL AWM style
20963 (80°C/30 V)


Similar Part No. - 1404310

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1404317 PHOENIX-1404317 Datasheet
81Kb / 3P
Terminal outlet - VS-TO-RO-MCBK-F1420/1420
1404318 PHOENIX-1404318 Datasheet
91Kb / 5P
Sensor/Actuator cable - SAC-4P- 5,0-PUR/AD SO
1404319 PHOENIX-1404319 Datasheet
60Kb / 3P
Coupling - VS-MP-PPC/CG-FO
More results

Similar Description - 1404310

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1403376 PHOENIX-1403376 Datasheet
102Kb / 4P
Network cable - VS-M12MS-IP20-94B-LI/15,0
1416188 PHOENIX-1416188 Datasheet
301Kb / 6P
Network cable - VS-M12MS-IP20-93C-LI/2,0
1403535 PHOENIX-1403535 Datasheet
152Kb / 8P
Network cable - VS-M12FSBP-IP20-94B-LI/0,5
09/11/2020
1403492 PHOENIX-1403492 Datasheet
390Kb / 9P
VS-M12MS-IP20-94B-LI/3,0 - Network cable
1412082 PHOENIX-1412082 Datasheet
444Kb / 10P
VS-M12FSBP-IP20-94B-LI/5,0 - Network cable
1407699 PHOENIX-1407699 Datasheet
292Kb / 9P
VS-IP20-OE-94B-LI/5,0 - Network cable
1407990 PHOENIX-1407990 Datasheet
395Kb / 10P
VS-PPC/ME-IP20-94B-LI/5,0 - Network cable
1413007 PHOENIX-1413007 Datasheet
345Kb / 8P
VS-M12MS-IP20-94C-LI/2,0 - Network cable
1423084 PHOENIX-1423084 Datasheet
294Kb / 9P
VS-IP20-IP20/LG-94B-LI/2,5 - Network cable
1407932 PHOENIX-1407932 Datasheet
403Kb / 9P
VS-IP67-IP20-94B-LI/5,0 - Network cable
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com