Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROB-12476 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # ROB-12476
Description  Gear - Pinion Gear (32T; 0.25 Bore)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

ROB-12476 Datasheet(HTML) 1 Page - SparkFun Electronics

  ROB-12476 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Gear - Pinion Gear (32T; 0.25" Bore)
ROB-12476
images are CC BY-NC-SA 3.0
Description: These pinion gears attach to a ¼” D-shaft or gear motor using a
setscrew. They have 32 teeth with a gear pitch of 32P, an outer diameter of 1.063”,
and a bore of 0.25”.
Actobotics is a robotics building system based around extruded aluminum channels,
gears, precision shafts, and ball bearings. Thanks to the two standardized hole
patterns, nearly all Actobotics components can be intuitively connected together. The
wide range of components makes building complex electromechanical prototypes or
finished projects a reality.
Dimensions:
• Teeth - 32T at 32P
• OD - 1.063”
• Bore - 0.25”
1/18/2016
https://www.sparkfun.com/products/12476


Similar Part No. - ROB-12476

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
ROB-12470 SPARKFUN-ROB-12470 Datasheet
119Kb / 1P
Shaft - Solid (Stainless; 1/2D x 12L)
2/10/2016
ROB-12471 SPARKFUN-ROB-12471 Datasheet
93Kb / 1P
Dolly Wheel Plate - Drive B (pair)
2/15/2016
ROB-12472 SPARKFUN-ROB-12472 Datasheet
177Kb / 2P
Standard Gearmotor - 6 RPM (3-12V)
11/24/2015
ROB-12473 SPARKFUN-ROB-12473 Datasheet
90Kb / 1P
Shaft - D-Shaft (Stainless; 1/4D x 3.00L)
2/11/2016
ROB-12474 SPARKFUN-ROB-12474 Datasheet
90Kb / 1P
Shaft - Solid (Stainless; 5/16D x 7L)
2/11/2016
More results

Similar Description - ROB-12476

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
ROB-12111 SPARKFUN-ROB-12111 Datasheet
95Kb / 1P
Gear - Pinion Gear (20T; 6mm Bore)
1/15/2016
ROB-12140 SPARKFUN-ROB-12140 Datasheet
98Kb / 1P
Gear - Pinion Gear (32T; 6mm Bore)
1/15/2016
ROB-12158 SPARKFUN-ROB-12158 Datasheet
96Kb / 1P
Gear - Pinion Gear (16T; 0.25 Bore)
1/15/2016
ROB-12225 SPARKFUN-ROB-12225 Datasheet
97Kb / 1P
Gear - Pinion Gear (24T; 0.25 Bore)
1/18/2016
ROB-12228 SPARKFUN-ROB-12228 Datasheet
100Kb / 1P
Gear - Hub Mount (84T; 0.5 Bore)
1/18/2016
ROB-12231 SPARKFUN-ROB-12231 Datasheet
100Kb / 1P
Servo Gear - Hitec (32T; Metal)
1/15/2016
ROB-12248 SPARKFUN-ROB-12248 Datasheet
96Kb / 1P
Gear - Pinion Gear (16T; 6mm Bore)
1/18/2016
ROB-12378 SPARKFUN-ROB-12378 Datasheet
96Kb / 1P
Gear - Hub Mount (100T; 1.0 Bore)
1/18/2016
ROB-12418 SPARKFUN-ROB-12418 Datasheet
94Kb / 1P
Gear - Pinion Gear (24T; 6mm Bore)
1/18/2016
ROB-12529 SPARKFUN-ROB-12529 Datasheet
97Kb / 1P
Gear - Pinion Gear (20T; 0.25 Bore)
2/3/2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com