Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMISCU6A5 Datasheet(PDF) 2 Page - Schneider Electric

Part # HMISCU6A5
Description  3?? color touch controller panel - Dig 16 inputs/10 outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

HMISCU6A5 Datasheet(HTML) 2 Page - Schneider Electric

  HMISCU6A5 Datasheet HTML 1Page - Schneider Electric HMISCU6A5 Datasheet HTML 2Page - Schneider Electric HMISCU6A5 Datasheet HTML 3Page - Schneider Electric HMISCU6A5 Datasheet HTML 4Page - Schneider Electric HMISCU6A5 Datasheet HTML 5Page - Schneider Electric HMISCU6A5 Datasheet HTML 6Page - Schneider Electric HMISCU6A5 Datasheet HTML 7Page - Schneider Electric HMISCU6A5 Datasheet HTML 8Page - Schneider Electric HMISCU6A5 Datasheet HTML 9Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Shock resistance
147 m/s² (duration=11 ms) conforming to IEC 60068-2-27 on DIN rail
294 m/s² (duration=6 ms) conforming to IEC 60068-2-27 on panel mounting
Vibration resistance
+/- 3.5 mm (f=5...9 Hz) conforming to IEC 60068-2-6
1 gn (f=9...150 Hz) conforming to IEC 60068-2-6
Electromagnetic compatibility
Electrostatic discharge immunity test - test level: 8 kV, air discharge conforming
to IEC 61000-4-2
Electrostatic discharge immunity test - test level: 6 kV, contact discharge con-
forming to IEC 61000-4-2
Susceptibility to electromagnetic fields - test level: 10 V/m, 80 MHz...3 GHz con-
forming to IEC 61000-4-3
Electrical fast transient/burst immunity test - test level: 2 kV, power lines conform-
ing to IEC 61000-4-4
Electrical fast transient/burst immunity test - test level: 1 kV, between analogue I/
O and operating voltage conforming to IEC 61000-4-4
Electrical fast transient/burst immunity test - test level: 2 kV, relay wires conform-
ing to IEC 61000-4-4
Electrical fast transient/burst immunity test - test level: 1 kV, Ethernet line con-
forming to IEC 61000-4-4
Electrical fast transient/burst immunity test - test level: 1 kV, COM line conforming
to IEC 61000-4-4
Electrical fast transient/burst immunity test - test level: 1 kV, CAN line conforming
to IEC 61000-4-4
Surge immunity test - test level: 2 kV, power supply (common mode) conforming
to IEC 61000-4-5
Surge immunity test - test level: 1 kV, power supply (differential mode) conform-
ing to IEC 61000-4-5
Surge immunity test - test level: 1 kV common mode, digital I/O conforming to
IEC 61000-4-5
Surge immunity test - test level: 0.5 kV differential mode, digital I/O conforming to
IEC 61000-4-5
Conducted RF disturbances - test level: 10 V, 0.15...80 MHz conforming to IEC
61000-4-6
Conducted emission - test level: 150 kHz...30 MHz conforming to EN 55011
Radiated emission - test level: 30 MHz...1 GHz conforming to EN 55011
Discrete input number
2 fast input (normal mode) conforming to IEC 61131-2 Type 1
14 digital input conforming to IEC 61131-2 Type 1
Discrete input voltage
24 V DC discrete input logic:sink or source (positive/negative)
Number of common point
1 fast input (HSC mode)
2 digital input
Discrete input current
7.83 mA fast input
5 mA digital
Input impedance
4.7 kOhm
2.81 kOhm
Sensor power supply
15...28.8 V DC, voltage (state 1): >= 15 V, current (state 1): >= 5 mA, voltage
(state 0): <= 5 V, current (state 0): <= 1.5 mA
15...28.8 V DC, voltage (state 1): >= 15 V, current (state 1): >= 2.5 mA, voltage
(state 0): <= 5 V, current (state 0): <= 1 mA
Configurable filtering time
0 ms no filter (none)
0.004...0.04 ms bounce filter (latch/event and cumulative filter by step Nx0.5ms
(64>=N>=2))
3...12 ms integrator (none/run/stop)
Input frequency
100 kHz for fast input (encoder mode) - control type A/B
100 kHz for fast input - control type single phase
100 kHz for fast input - control type pulse/direction
Cable distance between devices
Shielded cable: 10 m for fast input
Shielded cable: 100 m for digital input
Unshielded cable: 50 m for digital input
Connection pitch
0.14 in (3.5 mm)
Overvoltage protection
With
Isolation between channels and internal logic
500 V DC
Isolation between channels
None
Discrete output number
2 fast output (normal mode), output logic: source
8 digital output, output logic: source
Discrete output voltage
24 V DC (voltage limit: 19.2...28.8 V) with transistor discrete output(s)
24 V DC (voltage limit: 5...30 V) with relay discrete output(s)
220 V AC (voltage limit: 100...250 V) with relay discrete output(s)
Input/output number
2 fast input, terminal(s): FI0...FI1
14 digital input, terminal(s): DI0...DI13
2 fast output, terminal(s): FQ0...FQ1
8 digital output, terminal(s): DQ0...DQ7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com