Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMISCU6A5 Datasheet(PDF) 3 Page - Schneider Electric

Part # HMISCU6A5
Description  3?? color touch controller panel - Dig 16 inputs/10 outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

HMISCU6A5 Datasheet(HTML) 3 Page - Schneider Electric

  HMISCU6A5 Datasheet HTML 1Page - Schneider Electric HMISCU6A5 Datasheet HTML 2Page - Schneider Electric HMISCU6A5 Datasheet HTML 3Page - Schneider Electric HMISCU6A5 Datasheet HTML 4Page - Schneider Electric HMISCU6A5 Datasheet HTML 5Page - Schneider Electric HMISCU6A5 Datasheet HTML 6Page - Schneider Electric HMISCU6A5 Datasheet HTML 7Page - Schneider Electric HMISCU6A5 Datasheet HTML 8Page - Schneider Electric HMISCU6A5 Datasheet HTML 9Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Discrete output current
300 mA, response time 2 ms fast output (normal mode)
50 mA, response time 2 ms fast output (PWM or PTO mode)
2 A (current per output common:4 A), response time 5 ms with opening contact
for digital output
2 A (current per output common:4 A), response time 2 ms with closing contact for
digital output
Insulation resistance
> 10 MOhm between the I/O and internal logic
> 10 MOhm between power supply and earth
Output frequency
<= 100 kHz for fast output (PTO mode)
<= 1 kHz for fast output (PWM mode)
Absolute accuracy error
+/- 0.1 % of full scale of cyclic ratio 1...99% fast output (PWM or PTO mode)
1 % of full scale of cyclic ratio 1...99% fast output (PWM or PTO mode)
+/- 5 % of full scale of cyclic ratio 10...90% fast output (PWM or PTO mode)
+/- 10 % of full scale of cyclic ratio 20...80% fast output (PWM or PTO mode)
+/- 15 % of full scale of cyclic ratio 30...70% fast output (PWM or PTO mode)
Height
2.95 in (74.95 mm)
Width
5.04 in (128 mm)
Depth
4.02 in (102 mm)
Product weight
1.13 lb(US) (0.512 kg)
Environment
Standards
FCC Class A
EN 61131-2
RoHS compliant
UL 508
WEEE directive 2002/96/EC
ANSI/ISA 12-12-01
CSA C22.2 No 213 Class I Division 2
IEC 61000-6-2
RoHS China SJ/T 11363-2006
Product certifications
CUL 1604 Class 1 Division 2
CULus CSA 22-2 No 142
GOST
CULus 508
KCC
C-Tick
Marking
CE
Ambient air temperature for operation
32...122 °F (0...50 °C)
Ambient air temperature for storage
-4...140 °F (-20...60 °C)
Relative humidity
5...85 % without condensation
Operating altitude
<= 6561.68 ft (2000 m)
Storage altitude
0...10000 m
Maximum pressure
800...1114 hPa
IP degree of protection
IP65 front panel conforming to IEC 60529
IP20 rear panel conforming to IEC 60529
NEMA degree of protection
NEMA 4X front panel
Pollution degree
2 conforming to IEC 60664
Environmental characteristic
Corrosive gas free
Ordering and shipping details
Category
22568 - HMI CONTROLLERS
Discount Schedule
MC2
GTIN
00785901491781
Nbr. of units in pkg.
1
Package weight(Lbs)
2.5699999999999998
Returnability
Y
Country of origin
CN



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com