Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMISCU6A5 Datasheet(PDF) 1 Page - Schneider Electric

Part # HMISCU6A5
Description  3?? color touch controller panel - Dig 16 inputs/10 outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

HMISCU6A5 Datasheet(HTML) 1 Page - Schneider Electric

  HMISCU6A5 Datasheet HTML 1Page - Schneider Electric HMISCU6A5 Datasheet HTML 2Page - Schneider Electric HMISCU6A5 Datasheet HTML 3Page - Schneider Electric HMISCU6A5 Datasheet HTML 4Page - Schneider Electric HMISCU6A5 Datasheet HTML 5Page - Schneider Electric HMISCU6A5 Datasheet HTML 6Page - Schneider Electric HMISCU6A5 Datasheet HTML 7Page - Schneider Electric HMISCU6A5 Datasheet HTML 8Page - Schneider Electric HMISCU6A5 Datasheet HTML 9Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Aug 10, 2019
1
Product data sheet
Characteristics
HMISCU6A5
3”5 color touch controller panel - Dig 16
inputs/10 outputs
Product availability: Stock - Normally stocked in distribution facility
Main
Range of product
Magelis SCU
Product or component
type
Small touch HMI controller
Display size
3.5 inch
Display type
With backlit LED colour TFT LCD
Touch panel
Analogue
Device presentation
Complete product
Complementary
Display resolution
320 x 240 pixels QVGA
Backlight lifespan
50000 hours with 65000 colours
Brightness
16 levels via touch panel
View angle horiz x vert
60° left
60° right
40° top
60° bottom
Character font
Chinese (simplified Chinese)
Japanese (ANK, Kanji)
Taiwanese (traditional Chinese)
ASCII
Korean
Supply
External source
[Us] rated supply voltage
24 V at 20.4...28.8 V DC
Immunity to microbreaks
<= 10 ms
Inrush current
<= 30 A
Power consumption in W
15 W
Local signalling
No indicator
Number of pages
Limited by internal memory capacity
Software designation
SoMachine
Operating system
Magelis
Processor name
CPU RISC
Processor frequency
333 MHz
Memory description
128 MB flash memory, type: NAND
128 kB internal data storage memory, type: FRAM
128 MB application run memory, type: DRAM
Integrated connection type
1 RJ45 connector serial link with RS232/RS485 interface at <= 115.2 kbits/s
1 RJ45 connector Ethernet TCP/IP
1 USB 2.0 type mini B
1 USB 2.0 type A
SUB-D 9 connector CANopen master bus
Realtime clock
Built-in
Downloadable protocols
CANopen
Modbus
Modbus TCP/IP
Fixing mode
By 1 nut - diameter: Ø 22 mm, mounting on: 1...6 mm thick panel
Enclosure material
PC/PBT


Similar Part No. - HMISCU6A5

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
HMISCU6B5 SCHNEIDER-HMISCU6B5 Datasheet
252Kb / 9P
3?? color touch controller panel - Dig 8 inputs/8 outputs Ana 4 In/2 Out
Aug 15, 2019
More results

Similar Description - HMISCU6A5

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TS2043 UTC-TS2043 Datasheet
209Kb / 8P
TOUCH PANEL CONTROLLER
logo
List of Unclassifed Man...
FT6X06 ETC2-FT6X06 Datasheet
736Kb / 27P
Self-Capacitive Touch Panel Controller
FT5506 ETC2-FT5506 Datasheet
684Kb / 26P
True Multi-Touch Capacitive Touch Panel Controller
FT5X06 ETC1-FT5X06 Datasheet
4Mb / 21P
True Multi-Touch Capacitive Touch Panel Controller
logo
Schneider Electric
HMISCU6B5 SCHNEIDER-HMISCU6B5 Datasheet
252Kb / 9P
3?? color touch controller panel - Dig 8 inputs/8 outputs Ana 4 In/2 Out
Aug 15, 2019
HMISCU8A5 SCHNEIDER-HMISCU8A5 Datasheet
211Kb / 9P
5?? color touch controller panel - Dig 16 inputs/10 outputs
Aug 15, 2019
HMISCU8B5 SCHNEIDER-HMISCU8B5 Datasheet
225Kb / 9P
5?? color touch controller panel - Dig 8 inputs/8 outputs Ana 4 In/2 Out
Aug 15, 2019
HMISAC SCHNEIDER-HMISAC Datasheet
210Kb / 11P
Controller, Harmony SCU, Rear Module panel, Dig 16 inputs/10 outputs
May 2, 2022
HMISBC SCHNEIDER-HMISBC Datasheet
234Kb / 12P
Controller, Harmony SCU, Rear Module panel, Dig 8 inputs/8 outputs Ana 4 In/2 Out
May 2, 2022
logo
Vishay Siliconix
TIP VISHAY-TIP_V01 Datasheet
126Kb / 4P
Infrared Touch Panel with Controller
05-Dec-00
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com