Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CONSMA024-G Datasheet(PDF) 1 Page - Linx Technologies

Part # CONSMA024-G
Description  SMA Jack PCB Cutout Edge Mount Connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

CONSMA024-G Datasheet(HTML) 1 Page - Linx Technologies

  CONSMA024-G Datasheet HTML 1Page - Linx Technologies CONSMA024-G Datasheet HTML 2Page - Linx Technologies CONSMA024-G Datasheet HTML 3Page - Linx Technologies CONSMA024-G Datasheet HTML 4Page - Linx Technologies CONSMA024-G Datasheet HTML 5Page - Linx Technologies CONSMA024-G Datasheet HTML 6Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Datasheet
CONSMA024-G
SMA Jack PCB Cutout Edge Mount Connector
Electrical Specifications
Impedance
50
Ω
Frequency Range
0 to 18 GHz
Insulation Resistance
5000 M
Ω min.
Voltage Rating
750 V RMS
Contact Resistance
Center:
≤ 2.0 mΩ Outer: ≤ 2.0 mΩ
Insertion Loss (dB max)
-0.42 @ 6 GHz
VSWR (max)
1.15 @ 6 GHz
Ordering Information
Part Number
Description
CONSMA024-G
SMA jack (female socket), PCB cutout edge mount connector
in trays (100 per tray)
CONSMA024-G-T
SMA jack (female socket), PCB cutout edge mount connector
in tape and reel (500 per reel)
Available from Linx Technologies and select distributors and representatives.
Features
• 0 to 18 GHz operation
• SMA jack (female socket) connection
― Gold plated brass connector body
― Gold plated phosphor bronze center contact
• Direct surface-mount PCB attachment
• Reflow- or hand-solder assembly
Operating from 0 GHz to 18 GHz, the CONSMA024-G
provides high performance and reliability in a small
package. Mounting in a cutout/notch in a printed
circuit board (PCB) and available in tape and reel
packaging, the CONSMA024-G is more compact
than standard board edge mount connectors and
is compatible with pick and place machines for
high volume manufacturing. Additionally, all Linx
connectors meet RoHS lead free standards and are
tested to meet requirements for corrosion resistance,
vibration, mechanical and thermal shock.


Similar Part No. - CONSMA024-G

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
CONSMA020.031-G LINX-CONSMA020.031-G Datasheet
130Kb / 2P
SMA FEMALE EDGE MOUNT FOR 0.031" BOARD, GOLD
19-NOV-19
CONSMA020.042-G LINX-CONSMA020.042-G Datasheet
816Kb / 6P
SMA Jack PCB Edge-Mount Connector
2021
CONSMA020.062-G LINX-CONSMA020.062-G Datasheet
131Kb / 2P
SMA FEMALE EDGE MOUNT FOR 0.062
19-NOV-19
CONSMA021.062-G LINX-CONSMA021.062-G Datasheet
170Kb / 2P
SMA FEMALE EDGE MOUNT FOR 0.062" BOARD, GOLD
22-JAN-20
CONSMA022-G LINX-CONSMA022-G Datasheet
178Kb / 2P
SMA FEMALE EDGE MOUNT RIGHT ANGLE, GOLD
22-JAN-20
More results

Similar Description - CONSMA024-G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EMPCBSMAFSTJBHT ETC2-EMPCBSMAFSTJBHT Datasheet
186Kb / 3P
SMA (F) Jack For Edge PCB Mount
EMPCBSMAFSTJCHT ETC2-EMPCBSMAFSTJCHT Datasheet
153Kb / 3P
SMA (F) Jack For Edge PCB Mount
logo
Adam Technologies, Inc.
RF2-19-T-00-50-G ADAM-TECH-RF2-19-T-00-50-G Datasheet
51Kb / 1P
SMA PCB MOUNT JACK
logo
Taoglas antenna solutio...
EMPCB-SMAFSTJ-C TAOGLAS-EMPCB-SMAFSTJ-C Datasheet
190Kb / 4P
SMA(F)JACK FOR EDGE PCB MOUNT
logo
Linx Technologies
CONSMP024-G LINX-CONSMP024-G Datasheet
669Kb / 6P
SMP Plug PCB Cutout Edge Mount Connector
2021
CONMCX013 LINX-CONMCX013 Datasheet
576Kb / 6P
MCX Jack PCB Cutout Edge Mount Connector
2020
CONMMCX013 LINX-CONMMCX013 Datasheet
569Kb / 6P
MMCX Jack PCB Cutout Edge Mount Connector
2020
CONSMA020.042-G LINX-CONSMA020.042-G Datasheet
816Kb / 6P
SMA Jack PCB Edge-Mount Connector
2021
CONSMA003.042-L-G LINX-CONSMA003.042-L-G Datasheet
805Kb / 6P
SMA Jack PCB Edge-Mount Connector
2021
CONREVSMA024-G LINX-CONREVSMA024-G Datasheet
506Kb / 4P
Reverse-Polarity SMA Jack PCB Cutout Edge Mount Connector
2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com