Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CONSMA024-G Datasheet(PDF) 2 Page - Linx Technologies

Part # CONSMA024-G
Description  SMA Jack PCB Cutout Edge Mount Connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

CONSMA024-G Datasheet(HTML) 2 Page - Linx Technologies

  CONSMA024-G Datasheet HTML 1Page - Linx Technologies CONSMA024-G Datasheet HTML 2Page - Linx Technologies CONSMA024-G Datasheet HTML 3Page - Linx Technologies CONSMA024-G Datasheet HTML 4Page - Linx Technologies CONSMA024-G Datasheet HTML 5Page - Linx Technologies CONSMA024-G Datasheet HTML 6Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Datasheet
CONSMA024-G
Product Dimensions
13.0 mm
(0.51 in)
7.0 mm
(0.28 in)
0.5 mm
(0.02 in)
Ø9.0 mm
(0.35 in)
1/4”-UNS-2A
Ø0.8 mm
(0.03 in)
7.0 mm
(0.28 in)
7.0 mm
(0.28 in)
3.0 mm
(0.12 in)
2.0 mm
(0.08 in)
9.3 mm
(0.37 in)
7.1 mm
(0.28 in)
1.5 mm
(0.06 in)
0.6 mm
(0.02 in)
7.1 mm
(0.28 in)
1.0 mm
(0.04 in)
7.1mm
0.28in
9.3mm
0.37in
7.1mm
0.28in
1.5mm
0.06in
0.6mm
0.02in
1.0mm
0.04in
PCB
Figure 1. Product Dimensions for the CONSMA024-G Connector
Connector Components
CONSMA024-G
Connector Part
Material
Finish
Connector Body
Brass
Gold
Center Contact
Phosphor Bronze
Gold
Insulator
PTFE
Recommended Footprint
Figure 2 shows the recommended PCB footprint and PCB cutout dimensions.
13.0 mm
(0.51 in)
7.0 mm
(0.28 in)
0.5 mm
(0.02 in)
Ø9.0 mm
(0.35 in)
1/4”-UNS-2A
Ø0.8 mm
(0.03 in)
7.0 mm
(0.28 in)
7.0 mm
(0.28 in)
3.0 mm
(0.12 in)
2.0 mm
(0.08 in)
9.3 mm
(0.37 in)
7.1 mm
(0.28 in)
1.5 mm
(0.06 in)
0.6 mm
(0.02 in)
7.1 mm
(0.28 in)
1.0 mm
(0.04 in)
7.1mm
0.28in
9.3mm
0.37in
7.1mm
0.28in
1.5mm
0.06in
0.6mm
0.02in
1.0mm
0.04in
PCB
Figure 2. Recommended PCB Footprint for the CONSMA024-G Connector
Mechanical Specifications
CONSMA024-G
Mounting Type
PCB Board Edge
Fastening Type
1/4”-36 UNS-2A threaded coupling
Interface in Accordance with
MIL-STD-348A
Recommended Torque
0.57 N m (5.0 in lbs)
Coupling Nut Retention
60 lbs. min.
Connector Durability
500 cycles min.
Weight
3.2 g (0.11 oz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com