Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CONSMA024-G Datasheet(PDF) 3 Page - Linx Technologies

Part # CONSMA024-G
Description  SMA Jack PCB Cutout Edge Mount Connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

CONSMA024-G Datasheet(HTML) 3 Page - Linx Technologies

  CONSMA024-G Datasheet HTML 1Page - Linx Technologies CONSMA024-G Datasheet HTML 2Page - Linx Technologies CONSMA024-G Datasheet HTML 3Page - Linx Technologies CONSMA024-G Datasheet HTML 4Page - Linx Technologies CONSMA024-G Datasheet HTML 5Page - Linx Technologies CONSMA024-G Datasheet HTML 6Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Datasheet
CONSMA024-G
Connector Performance
Table 1 shows insertion loss and VSWR values for the CONSMA024-G connector at commonly used
frequencies.
Insertion loss is the loss of signal power (gain) resulting from the insertion of a device in a transmission line.
VSWR describes how efficiently power is transmitted through the connector. A lower VSWR value indicates
better performance at a given frequency.
Table 1. Insertion Loss and VSWR for the CONSMA024-G Connector
Band
Low-Band Cellular/
ISM/LPWA
Midband Cellular/
GNSS
WiFi/ISM
WiFi 6
Frequency Range
400 MHz to 960 MHz
1.1 GHz to 5 GHz
2.4 GHz
5 GHz to 7.125 GHz
Insertion Loss (dB max)
-0.07
-0.35
-0.17
-0.51
VSWR (max)
1.1
1.2
1.1
1.3
Environmental Specifications
MIL-STD/Method/Test Condition
Corrosion (Salt spray)
MIL-STD-202 Method 101 test condition B
Thermal Shock
MIL-STD-202 Method 107 test condition B
Vibration
MIL-STD-202 Method 204 test condition D
Mechanical Shock
MIL-STD-202 Method 213 test condition I
Temperature Range
-55 °C to +155 ° C
Environmental Compliance
RoHS
Reflow Solder Profile
Figure 3 shows the time and temperature data for reflow soldering the connector to a PCB.
125°C
185°C
217°C
255°C
235°C
60
120
30
150
180
210
240
270
300
330
360
0
90
50
100
150
200
250
300
Recommended RoHS Profile
Max RoHS Profile
Recommended Non-RoHS Profile
180°C
Time (Seconds)
Figure 3. Recommended Reflow Solder Profile



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com