Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INTERNET650U1 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # INTERNET650U1
Description  Internet Office 120V 650VA 330W Standby UPS, Compact Desktop, USB Monitoring and Charging
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

INTERNET650U1 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  INTERNET650U1 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved INTERNET650U1 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved INTERNET650U1 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved INTERNET650U1 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved INTERNET650U1 Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Specifications
reduces BTU emissions, energy consumption and, ultimately, your energy costs.
Compact Housing for Convenient Installation Almost AnywhereThe space-saving housing fits easily
on a desktop, shelf or anywhere else convenient to your workstation. Keyhole mounting tabs allows easy
wall installation. The five-foot power cord with NEMA 5-15P plug connects to a standard AC outlet.
OVERVIEW
UPC Code
037332211057
UPS Type
Standby
INPUT
Rated input current (Maximum Load)
6A
Nominal Input Voltage(s) Supported
120V AC
UPS Input Connection Type
5-15P
Input Circuit Breakers
7A
UPS Input Cord Length (ft.)
5
UPS Input Cord Length (m)
1.5
Recommended Electrical Service
15A 120V
Input Phase
Single-Phase
OUTPUT
Output Volt Amp Capacity (VA)
650
Output Watt Capacity (Watts)
330
Nominal Voltage Details
120v nominal output in battery mode
Frequency Compatibility
50 / 60 Hz
Output Voltage Regulation (Battery
Mode)
±5%
UPS Output Receptacles (Surge
Suppression Only)
4 UPS outlets, 4 surge-only outlets
Hot-Swap PDU options
PDUB15 (2U / 8 5-15R outlets)
Output AC Waveform (AC Mode)
Sine wave
Output AC Waveform (Battery
Mode)
PWM sine wave
Nominal Output Voltage(s)
Supported
110V; 115V; 120V
Output Receptacles
(8) 5-15R
Individually Controllable Load Banks
No
BATTERY
2 / 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com