Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INTERNET650U1 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # INTERNET650U1
Description  Internet Office 120V 650VA 330W Standby UPS, Compact Desktop, USB Monitoring and Charging
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

INTERNET650U1 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  INTERNET650U1 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved INTERNET650U1 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved INTERNET650U1 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved INTERNET650U1 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved INTERNET650U1 Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Internet Office 120V 650VA 330W Standby UPS,
Compact Desktop, USB Monitoring and Charging
MODEL NUMBER: INTERNET650U1
Compact desktop UPS provides basic battery backup and protects your computer and peripherals against
surges and other power threats.
Features
Compact Desktop 650VA/330W Battery Backup for PCs, Home Theater and Digital SignageThis
120V UPS system provides reliable battery backup and AC power protection against blackouts,
brownouts, overvoltages, surges and line noise that can damage valuable electronics or destroy data. The
eight-outlet 120V battery backup is ideal protection for your home office, media center or professional
kiosk, security and small-business phone applications, including computers, routers, printers, HDTVs, Blu-
ray players, game consoles, ATMs, security systems and digital signage equipment.
Allows Time to Back Up Critical Files During a BlackoutBackup support allows you to work through
short power failures, and gives you enough time to safely save files and shut down your system in case of
a prolonged blackout. Backup time varies according to load, but the INTERNET650U1 should keep an
energy-efficient desktop computer with small LCD monitor powered as long as 17 minutes. During normal
operation, incoming utility power keeps the replaceable internal battery fully charged, so backup power will
always be available.
HID-Compliant USB Port Allows for Automatic Saves and ShutdownsThis port connects the
INTERNET650U1 to a computer running Tripp Lite’s free downloadable PowerAlert® software to enable
safe unattended file saves and system shutdown in case of a prolonged power failure. USB cable is
included. The UPS works with Windows, Mac and Linux operating systems.
Connects Your Equipment to 8 Protected NEMA 5-15R OutletsFour 5-15R outlets provide both battery
backup and surge protection to your computer, monitor and other crucial components. The other four are
surge-protected only for printers, scanners and other non-essential equipment. A 316-joule surge
suppression rating protects connected components from the harmful effects of power surges. Two outlets
are spaced apart from the others to accommodate bulky transformers. RJ45 jacks protect a standard dial-
up/DSL phone connection or 10Base-T Ethernet line connection from data line surges.
Charges Mobile Devices, Including Smartphones and TabletsA USB charging port delivers up to 5V
1A maximum charge current for keeping your phone, MP3 player and other USB-compatible device at
100% capacity.
Combats Electromagnetic Interference That Can Harm EquipmentVarious electromagnetic and radio
sources found in virtually every home and business can cause disruptive interference on the AC line.
Known as EMI (electromagnetic interference) and RFI (radio frequency interference), this line noise is a
common cause of performance problems and can lead to incremental hardware damage, data corruption
and audio/video transmission problems. The INTERNET650U1 incorporates technology that filters out
disruptive line noise so that it won’t affect your equipment.
Diagnostic LED and Audible Alarm Keep You InformedFront-panel green LED indicates line/battery
mode status, overloads and low/replace battery alert. A home-friendly alarm stays silent in AC and battery
modes, except to warn you of a low battery or fault condition.
High Line-Mode Efficiency Saves Energy and Cuts CostsA high >98% line mode efficiency rating
Highlights
Protects equipment against
blackouts, brownouts,
overvoltages, surges and line
noise
q
8 NEMA 5-15R outlets provide
power to PC, home theater or
networking equipment
q
USB charging port delivers 5V
1A for charging smartphones,
tablets and other devices
q
High >98% efficiency reduces
BTU emissions, saves power
and lowers energy costs
q
HID-compliant USB port
connects to computer to enable
automatic file saves and
shutdowns
q
Applications
Protect your PC and other
sensitive electronics against
power surges, line noise,
brownouts, overvoltages and
blackouts
q
Operate essential equipment
during short-term power outages
using battery backup power
q
Shut down PCs and peripherals
without data loss during long-
term power outages
q
Package Includes
INTERNET650U1 120V 650VA
330W Standby UPS with 8
Outlets
q
USB cable
q
Owner’s manual
q
1 / 5


Similar Part No. - INTERNET650U1

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
INTERNET600TAA TRIPPLITE-INTERNET600TAA Datasheet
523Kb / 4P
TAA Compliant Internet Office 600VA Ultra-compact Standby 120V UPS with USB port
logo
List of Unclassifed Man...
INTERNET600U ETC2-INTERNET600U Datasheet
522Kb / 5P
Internet Office 600VA Ultra-compact Standby 120V UPS with USB port
logo
Tripp Lite. All Rights ...
INTERNET600U TRIPPLITE-INTERNET600U Datasheet
521Kb / 4P
Internet Office 600VA Ultra-compact Standby 120V UPS with USB port
More results

Similar Description - INTERNET650U1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
INTERNET350U ETC2-INTERNET350U Datasheet
499Kb / 6P
Internet Office 350VA Ultra-compact Standby 120V UPS with USB port
INTERNET550U ETC2-INTERNET550U Datasheet
523Kb / 6P
Internet Office 550VA Ultra-compact Standby 120V UPS with USB port
INTERNET750U ETC2-INTERNET750U Datasheet
510Kb / 6P
Internet Office 750VA Ultra-compact Standby 120V UPS with USB port
INTERNETOFFICE300 ETC2-INTERNETOFFICE300 Datasheet
509Kb / 5P
Internet Office 300VA Ultra-compact Standby 120V UPS
logo
Tripp Lite. All Rights ...
INTERNET350U TRIPPLITE-INTERNET350U Datasheet
497Kb / 4P
Internet Office 350VA Ultra-compact Standby 120V UPS with USB port
INTERNET600U TRIPPLITE-INTERNET600U Datasheet
521Kb / 4P
Internet Office 600VA Ultra-compact Standby 120V UPS with USB port
INTERNET750U TRIPPLITE-INTERNET750U Datasheet
508Kb / 4P
Internet Office 750VA Ultra-compact Standby 120V UPS with USB port
INTERNET750U TRIPPLITE-INTERNET750U_15 Datasheet
508Kb / 4P
Internet Office 120V 750VA 450W Standby UPS,Ultra-Compact Desktop, USB port
INTERNET900TAA TRIPPLITE-INTERNET900TAA_15 Datasheet
525Kb / 4P
TAA-Compliant Internet Office 120V 900VA 480W Standby UPS, Ultra-Compact Desktop, USB port
INTERNET900U TRIPPLITE-INTERNET900U_15 Datasheet
522Kb / 4P
Internet Office 120V 900VA 480W Standby UPS,Ultra-Compact Desktop, USB port
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com