Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INTERNET650U1 Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # INTERNET650U1
Description  Internet Office 120V 650VA 330W Standby UPS, Compact Desktop, USB Monitoring and Charging
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

INTERNET650U1 Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  INTERNET650U1 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved INTERNET650U1 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved INTERNET650U1 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved INTERNET650U1 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved INTERNET650U1 Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Half Load Runtime (min.)
4.5 minutes (165w)
DC System Voltage (VDC)
12
Battery Recharge Rate (Included
Batteries)
6.5 hours from 10% to 90%
Battery Access
Battery access door (see manual)
Battery Replacement Description
Replaceable batteries
Expandable Runtime
No
USER INTERFACE, ALERTS & CONTROLS
Switches
Power switch enables UPS on / off control
Audible Alarm
Alarm reports low-battery, fault, overload and replace battery conditions
LED Indicators
Status LED reports off / on power status and battery mode operation
SURGE / NOISE SUPPRESSION
UPS AC Suppression Joule Rating
316
UPS AC Suppression Response
Time
Instantaneous
UPS Dataline Suppression
1 line TEL/DSL or Ethernet
EMI / RFI AC Noise Suppression
Yes
PHYSICAL
Included Mounting Accessory
Description
Wallmount installation supported using keyhole mounting tabs
Installation Form Factors Supported
with Included Accessories
Ultra-compact desktop; Wallmount
Primary Form Factor
Desktop
Primary UPS Depth (mm)
185
Primary UPS Height (mm)
105
Primary UPS Width (mm)
110
Shipping Dimensions (hwd / in.)
7.36 x 5.67 x 10.86
Shipping Weight (kg)
2.00
UPS Housing Material
ABS
UPS Power Module Dimensions
(hwd, in.)
4.13 x 4.33 x 7.28
UPS Power Module Weight (kg)
1.80
UPS Power Module Weight (lbs.)
3.96
ENVIRONMENTAL
Operating Temperature Range
+32 to +104 degrees Fahrenheit (0 to +40 degrees Celsius)
3 / 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com