Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX2332LSLBX Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2332LSLBX
Description  PLLatinumTM Low Power Dual Frequency Synthesizer for RF Personal Communications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2332LSLBX Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMX2332LSLBX Datasheet HTML 1Page - National Semiconductor (TI) LMX2332LSLBX Datasheet HTML 2Page - National Semiconductor (TI) LMX2332LSLBX Datasheet HTML 3Page - National Semiconductor (TI) LMX2332LSLBX Datasheet HTML 4Page - National Semiconductor (TI) LMX2332LSLBX Datasheet HTML 5Page - National Semiconductor (TI) LMX2332LSLBX Datasheet HTML 6Page - National Semiconductor (TI) LMX2332LSLBX Datasheet HTML 7Page - National Semiconductor (TI) LMX2332LSLBX Datasheet HTML 8Page - National Semiconductor (TI) LMX2332LSLBX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
LMX2330L/LMX2331L/LMX2332L
PLLatinum™ Low Power Dual Frequency Synthesizer for
RF Personal Communications
LMX2330L
2.5 GHz/510 MHz
LMX2331L
2.0 GHz/510 MHz
LMX2332L
1.2 GHz/510 MHz
General Description
The LMX233XL family of monolithic, integrated dual fre-
quency synthesizers, including prescalers, is to be used as a
local oscillator for RF and first IF of a dual conversion
transceiver. It is fabricated using National’s 0.5µ ABiC V
silicon BiCMOS process.
The LMX233XL contains dual modulus prescalers. A 64/65
or a 128/129 prescaler (32/33 or 64/65 in the 2.5 GHz
LMX2330L) can be selected for the RF synthesizer and a 8/9
or a 16/17 prescaler can be selected for the IF synthesizer.
LMX233XL, which employs a digital phase locked loop tech-
nique, combined with a high quality reference oscillator,
provides the tuning voltages for voltage controlled oscillators
to generate very stable, low noise signals for RF and IF local
oscillators. Serial data is transferred into the LMX233XL via
a three wire interface (Data, Enable, Clock). Supply voltage
can range from 2.7V to 5.5V. The LMX233XL family features
very low current consumption;
LMX2330L — 5.0 mA at 3V, LMX2331L — 4.0 mA at 3V,
LMX2332L — 3.0 mA at 3V.
The LMX233XL are available in a TSSOP 20-pin, CSP
24-pin surface mount plastic package, and thin CSP 20-pin
surface mount plastic package.
Features
n
Ultra low current consumption
n
2.7V to 5.5V operation
n
Selectable synchronous or asynchronous powerdown
mode:
I
CC = 1 µA typical at 3V
n
Dual modulus prescaler:
LMX2330L
(RF) 32/33 or 64/65
LMX2331L/32L
(RF) 64/65 or 128/129
LMX2330L/31L/32L
(IF) 8/9 or 16/17
n
Selectable charge pump TRI-STATE® mode
n
Selectable charge pump current levels
n
Selectable Fastlock™ mode
n
Upgrade and compatible to LMX233XA family
Applications
n
Portable Wireless Communications
(PCS/PCN, cordless)
n
Cordless and cellular telephone systems
n
Wireless Local Area Networks (WLANs)
n
Cable TV tuners (CATV)
n
Other wireless communication systems
Functional Block Diagram
01280601
October 2001
© 2001 National Semiconductor Corporation
DS012806
www.national.com


Similar Part No. - LMX2332LSLBX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2332LSLB NSC-LMX2332LSLB Datasheet
496Kb / 21P
PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
More results

Similar Description - LMX2332LSLBX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX1501A NSC-LMX1501A Datasheet
367Kb / 22P
PLLatinumTM 1.1 GHz Frequency Synthesizer for RF Personal Communications
LMX2301 NSC-LMX2301 Datasheet
225Kb / 14P
PLLatinumTM 160 MHz Frequency Synthesizer for RF Personal Communications
LMX2305 NSC-LMX2305 Datasheet
228Kb / 14P
PLLatinumTM 550 MHz Frequency Synthesizer for RF Personal Communications
LMX2315 NSC-LMX2315 Datasheet
409Kb / 22P
Frequency Synthesizer for RF Personal Communications
LMX2330A NSC-LMX2330A Datasheet
392Kb / 17P
PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2330L NSC-LMX2330L Datasheet
496Kb / 21P
PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2335 NSC-LMX2335 Datasheet
393Kb / 18P
PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2335L NSC-LMX2335L Datasheet
542Kb / 22P
PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2322 NSC-LMX2322 Datasheet
216Kb / 14P
PLLatinumTM 2.0 GHz Frequency Synthesizer for RF Personal Communications
LMX2306 NSC-LMX2306_04 Datasheet
338Kb / 19P
PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com