Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX2332LSLBX Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2332LSLBX
Description  PLLatinumTM Low Power Dual Frequency Synthesizer for RF Personal Communications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2332LSLBX Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LMX2332LSLBX Datasheet HTML 7Page - National Semiconductor (TI) LMX2332LSLBX Datasheet HTML 8Page - National Semiconductor (TI) LMX2332LSLBX Datasheet HTML 9Page - National Semiconductor (TI) LMX2332LSLBX Datasheet HTML 10Page - National Semiconductor (TI) LMX2332LSLBX Datasheet HTML 11Page - National Semiconductor (TI) LMX2332LSLBX Datasheet HTML 12Page - National Semiconductor (TI) LMX2332LSLBX Datasheet HTML 13Page - National Semiconductor (TI) LMX2332LSLBX Datasheet HTML 14Page - National Semiconductor (TI) LMX2332LSLBX Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Typical Performance Characteristics (Continued)
LMX233xSLD RF Input Impedance
V
CC = 2.7V to 5.5V, fIN = 500 MHz to 3 GHz, fINRF CAP =
100 pF
LMX233xSLD IF Input Impedance
V
CC = 2.7V to 5.5V, fINIF = 100 MHz to 400 MHz, fINIF
CAP = 100 pF
01280641
Marker 1 = 500 MHz,
Real = 202.98,
Imaginary = −200.09
Marker 2 = 1.8 GHz,
Real = 32.36,
Imaginary = −91.42
Marker 3 = 2.5GHz,
Real = 25.51,
Imaginary = −46.41
Marker 4 = 3.0 GHz,
Real = 30.46,
Imaginary = −9.50
01280642
Marker 1 = 100 MHz,
Real = 374.33,
Imaginary = −301.45
Marker 2 = 200 MHz,
Real = 257.14,
Imaginary = −245.79
Marker 3 = 300 MHz,
Real = 194.08,
Imagniary = −224.24
Marker 4 = 400 MHz,
Real = 89.03,
Imaginary = −131.21
LMX2330L RF Sensitivity vs Frequency
LMX2331L RF Sensitivity vs Frequency
01280629
01280630
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com