Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX2332LSLBX Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2332LSLBX
Description  PLLatinumTM Low Power Dual Frequency Synthesizer for RF Personal Communications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2332LSLBX Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LMX2332LSLBX Datasheet HTML 8Page - National Semiconductor (TI) LMX2332LSLBX Datasheet HTML 9Page - National Semiconductor (TI) LMX2332LSLBX Datasheet HTML 10Page - National Semiconductor (TI) LMX2332LSLBX Datasheet HTML 11Page - National Semiconductor (TI) LMX2332LSLBX Datasheet HTML 12Page - National Semiconductor (TI) LMX2332LSLBX Datasheet HTML 13Page - National Semiconductor (TI) LMX2332LSLBX Datasheet HTML 14Page - National Semiconductor (TI) LMX2332LSLBX Datasheet HTML 15Page - National Semiconductor (TI) LMX2332LSLBX Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Typical Performance Characteristics (Continued)
LMX2332L RF Sensitivity vs Frequency
IF Input Sensitivity vs Frequency
01280631
01280632
Oscillator Input Sensitivity vs Frequency
01280633
Functional Description
The simplified block diagram below shows the 22-bit data register, two 15-bit R Counters and the 15- and 18-bit N Counters
(intermediate latches are not shown). The data stream is clocked (on the rising edge of Clock) into the DATA register, MSB first.
The data stored in the shift register is loaded into one of 4 appropriate latches on the rising edge of LE. The last two bits are the
Control Bits. The DATA is transferred into the counters as follows:
Control Bits
DATA Location
C1
C2
0
0
IF R Counter
0
1
RF R Counter
1
0
IF N Counter
1
1
RF N Counter
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com