Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANT-868-CW-RCL-SMA Datasheet(PDF) 1 Page - Linx Technologies

Part # ANT-868-CW-RCL-SMA
Description  868 MHz Right-Angle Whip Antenna
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

ANT-868-CW-RCL-SMA Datasheet(HTML) 1 Page - Linx Technologies

  ANT-868-CW-RCL-SMA Datasheet HTML 1Page - Linx Technologies ANT-868-CW-RCL-SMA Datasheet HTML 2Page - Linx Technologies ANT-868-CW-RCL-SMA Datasheet HTML 3Page - Linx Technologies ANT-868-CW-RCL-SMA Datasheet HTML 4Page - Linx Technologies ANT-868-CW-RCL-SMA Datasheet HTML 5Page - Linx Technologies ANT-868-CW-RCL-SMA Datasheet HTML 6Page - Linx Technologies ANT-868-CW-RCL-SMA Datasheet HTML 7Page - Linx Technologies ANT-868-CW-RCL-SMA Datasheet HTML 8Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Datasheet
CW-RCL Series
868 MHz Right-Angle Whip Antenna
Features
• Performance at 862 MHz to 876 MHz
― VSWR: ≤ 1.9
― Peak Gain: 4.1 dBi
― Efficiency: 71%
• Compact size
― 97.7 mm x 18.7 mm x 10.5 mm
• Rotating base allows for optimal positioning
• SMA plug (male pin) connector
The 868-CW-RCL antenna is designed for sub-1
GHz and low-power, wide-area (LPWA) applications
including LoRaWAN®, Sigfox®, and ISM band
applications in the 862 MHz to 876 MHz range.
The right-angle swivel design of the 868-CW-RCL
antenna allows for the antenna to be positioned for
optimum performance.
The ANT-868-CW-RCL antenna is available with an
SMA plug (male pin) connector.
Applications
• Low-power, wide-area (LPWA) applications
― LoRaWAN®
― Sigfox®
• ISM band applications
• Internet of Things (IoT) devices
• Smart Home networking
― Security systems
― Industrial machinery
― AMR (automated meter reading)
― Home weather stations
• Remote sensing, monitoring and control
― Industrial machinery
― AMR (automated meter reading)
• Gateways
Ordering Information
Part Number
Description
ANT-868-CW-RCL-SMA
868 MHz right-angle whip antenna with SMA plug (male pin)
Available from Linx Technologies and select distributors and representatives.


Similar Part No. - ANT-868-CW-RCL-SMA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ANT-868-CW-RCS ETC2-ANT-868-CW-RCS Datasheet
174Kb / 1P
SMA or Part 15 compliant RP-SMA connector
More results

Similar Description - ANT-868-CW-RCL-SMA

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT30036-RA WPI-WPANT30036-RA Datasheet
100Kb / 2P
200 MHz VHF Whip Antenna
WPANT30064-RB WPI-WPANT30064-RB Datasheet
74Kb / 2P
420 MHz UHF Whip Antenna
WPANT30068-RA WPI-WPANT30068-RA Datasheet
77Kb / 2P
143 MHz VHF Whip Antenna
logo
Abracon Corporation
ACAG1204-868-T ABRACON-ACAG1204-868-T Datasheet
1Mb / 4P
868 MHz Ceramic Chip Antenna
11.12.2018
logo
TE Connectivity Ltd
2195835-1 TEC-2195835-1 Datasheet
823Kb / 7P
ISM 868 / 915 MHz ANTENNA
logo
Linx Technologies
CW-RCL LINX-CW-RCL Datasheet
876Kb / 8P
2.4 GHz Right-Angle Whip Antenna
2020
ANT-868-HETH LINX-ANT-868-HETH Datasheet
1Mb / 10P
868 MHz Helical Antenna
2021
ANT-868-VHETH LINX-ANT-868-VHETH Datasheet
882Kb / 10P
868 MHz Helical Antenna
2021
OC-LG LINX-OC-LG Datasheet
1Mb / 8P
868 MHz LPWA Antenna
2020
logo
Abracon Corporation
PRO-OB-471 ABRACON-PRO-OB-471 Datasheet
1Mb / 18P
OnBoard 868/915/8682400 MHz - Antenna
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com